Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF641 Datasheet(PDF) 53 Page - List of Unclassifed Manufacturers

Part # AT25DF641
Description  Minimum Serial Peripheral Interface Serial Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF641 Datasheet(HTML) 53 Page - List of Unclassifed Manufacturers

Back Button AT25DF641_13 Datasheet HTML 48Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 49Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 50Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 51Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 52Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 53Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 54Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 55Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 56Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 53 / 56 page
background image
AT25DF641
53
3680F–DFLASH–4/10
16.
Packaging Information
16S – SOIC
DRAWING NO.
REV.
TITLE
Package Drawing Contact:

contact@adestotech.com
Notes: 1. This drawing is for general information only; refer to
JEDEC Drawing MS-013, Variation AA for additional
information.
2. Dimension D does not include mold Flash, protrusions
or gate burrs. Mold Flash, protrusion and gate burrs
shall not exceed 0.15 mm (0.006") per side.
3. Dimension E does not include inter-lead Flash or
protrusion. Inter-lead flash and protrusions shall not
exceed 0.25 mm (0.010") per side.
4. L is the length of the terminal for soldering to a
substrate.
16S
A
11/02/05
16S
, 16-lead, 0.300" Wide Body, Plastic Gull
Wing Small Outline Package (SOIC)
End View
Top View
Side View
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
2.35
0.10
0.31
0.40
0.20
A
A1
b
D
E
H
L
e
C
–
–
–
10.30 BSC
7.50 BSC
10.30 BSC
–
1.27 BSC
2.65
0.30
0.51
1.27
0.33
2
3
4
H
E
N
1
A1
b
e
A
D
E
L
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com