Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF641 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # AT25DF641
Description  Minimum Serial Peripheral Interface Serial Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF641 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button AT25DF641_13 Datasheet HTML 13Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 14Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 15Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 16Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 17Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 18Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 19Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 20Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
AT25DF641
17
3680F–DFLASH–4/10
Figure 7-6.
Chip Erase
SO
SI
SCK
CS
MS B
2
3
1
0
C
C
C
C
C
C
C
C
6
7
5
4
OP C ODE
HIG H-IMP E DANC E
7.5.
Program/Erase Suspend
In some code plus data storage applications, it is often necessary to process certain high-level system interrupts
that require relatively immediate reading of code or data from the Flash memory. In such an instance, it may not
be possible for the system to wait the microseconds or milliseconds required for the Flash memory to complete a
program or erase cycle. The Program/Erase Suspend command allows a program or erase operation in progress
to a particular 64-Kbyte sector of the Flash memory array to be suspended so that other device operations can be
performed. For example, by suspending an erase operation to a particular sector, the system can perform
functions such as a program or read operation within another 64-Kbyte sector in the device. Other device
operations, such as a R ead Status Register, can also be p erformed while a program or erase operation is
suspended. Table 7-1 outlines the operations that are allowed and n ot allowed during a pr ogram or erase
suspend.
Since the need to suspend a program or erase operation is immediate, the Write Enable command does not need
to be issued prior to the Program/Erase Suspend command being issued. Therefore, the Program/Erase Suspend
command operates independently of the state of the WEL bit in the Status Register.
To perform a Program/Erase Suspend, the
pin must first be asserted and the opcode of B0h must be clocked
into the device. No address bytes need to be clocked into the device, and any data clocked in after the opcode
will be ignored. When the
pin is deasserted, the program or erase operation currently in progress will be
suspended within a time of tSUSP. The Program Suspend (PS) bit or the Erase Suspend (ES) bit in the Status
Register will then be s et to the logical “1” state to indicate that the program or erase operation has been
suspended. In addition, the RDY/BSY bit in the Status Register will indicate that the device is ready for another
operation. The complete opcode must be clocked into the device before the
pin is deasserted, and the
pin
must be deasserted on an even byte boundary (multiples of eight bits); otherwise, no suspend operation will be
performed.
Read operations are not allowed to a 64-Kbyte sector that has had its program or erase operation suspended. If a
read is attempted to a suspended sector, then the device will output undefined data. Therefore, when performing
a Read Array operation to an uns uspended sector and the device’s internal address counter increments and
crosses the sector boundary to a suspended sector, the device will then start outputting undefined data
continuously until the address counter increments and crosses a sector boundary to an unsuspended sector.
CS
CS
CS
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com