Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF641 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # AT25DF641
Description  Minimum Serial Peripheral Interface Serial Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF641 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button AT25DF641_13 Datasheet HTML 14Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 15Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 16Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 17Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 18Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 19Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 20Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 21Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
18
AT25DF641
3680F–DFLASH–4/10
A program operation is not allowed to a sector that has been erase suspended. If a program operation is
attempted to an erase suspended sector, then the program operation will abort and the WEL bit in the Status
Register will be reset back to the logical “0” state. Likewise, an erase operation is not allowed to a sector that has
been program suspended. If attempted, the erase operation will abort and the WEL bit in the Status Register will
be reset to a logical “0” state.
During an Erase Suspend, a program operation to a different 64-Kbyte sector can be started and subsequently
suspended. This results in a simultaneous Erase Suspend/Program Suspend condition and will be indicated by
the states of both the ES and PS bits in the Status Register being set to the logical “1” state.
If a R eset operation (see “Reset” on page 40) is performed while a s ector is erase suspended, the suspend
operation will abort and t he contents of the block in the suspended sector will be l eft in an u ndefined state.
However, if a Reset is performed while a sector is program suspended, the suspend operation will abort but only
the contents of the page that was being programmed and s ubsequently suspended will be undefined. The
remaining pages in the 64-Kbyte sector will retain their previous contents.
If an attempt is made to perform an operation that is not allowed during a program or erase suspend, such as a
Protect Sector operation, then the device will simply ignore the opcode and no operation will be performed. The
state of the WEL bit in the Status Register, as well as the SPRL (Sector Protection Registers Locked) and SLE
(Sector Lockdown Enabled) bits, will not be affected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com