Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF641 Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # AT25DF641
Description  Minimum Serial Peripheral Interface Serial Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF641 Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button AT25DF641_13 Datasheet HTML 31Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 32Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 33Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 34Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 35Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 36Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 37Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 38Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 56 page
background image
AT25DF641
35
3680F–DFLASH–4/10
Table 10-2.
Status Register Format – Byte 2
Bit(1)
Name
Type(2)
Description
7
RES
Reserved for future use
R
0
Reserved for future use.
6
RES
Reserved for future use
R
0
Reserved for future use.
5
RES
Reserved for future use
R
0
Reserved for future use.
4
RSTE
Reset Enabled
R/W
0
Reset command is disabled (default).
1
Reset command is enabled.
3
SLE
Sector Lockdown Enabled
R/W
0
Sector Lockdown and Freeze Sector Lockdown
State commands are disabled (default).
1
Sector Lockdown and Freeze Sector Lockdown
State commands are enabled.
2
PS
Program Suspend Status
R
0
No sectors are program suspended (default).
1
A sector is program suspended.
1
ES
Erase Suspend Status
R
0
No sectors are erase suspended (default).
1
A sector is erase suspended.
0
RDY/BSY Ready/Busy Status
R
0
Device is ready.
1
Device is busy with an internal operation.
Notes: 1. Only bits 4 and 3 of Status Register Byte 2 will be modified when using the Write Status Register
Byte 2 command
2. R/W = Readable and writeable
R = Readable only
10.1.1. SPRL Bit
The SPRL bit is used to control whether the Sector Protection Registers can be modified or not. When the SPRL
bit is in the logical “1” state, all Sector Protection Registers are locked and cannot be modified with the Protect
Sector and Unprotect Sector commands (the device will ignore these commands). In addition, the Global Protect
and Global Unprotect features cannot be performed. Any sectors that are presently protected will remain
protected, and any sectors that are presently unprotected will remain unprotected.
When the SPRL bit is in the logical “0” state, all Sector Protection Registers are unlocked and can be modified
(the Protect Sector and Unprotect Sector commands, as well as the Global Protect and Global Unprotect features,
will be processed as normal). The SPRL bit defaults to the logical “0” state after device power-up. The Reset
command has no effect on the SPRL bit.
The SPRL bit can be modified freely whenever the
pin is deasserted. However, if the
pin is asserted, then
the SPRL bit may only be changed from a logical “0” (Sector Protection Registers are unlocked) to a logical “1”
(Sector Protection Registers are locked). In order to reset the SPRL bit back to a logical “0” using the Write Status
Register Byte 1 command, the
pin will have to first be deasserted.
The SPRL bit is the only bit of Status Register Byte 1 that can be user modified via the Write Status Register Byte
1 command.
WP
WP
WP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com