Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF641 Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # AT25DF641
Description  Minimum Serial Peripheral Interface Serial Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF641 Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button AT25DF641_13 Datasheet HTML 37Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 38Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 39Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 40Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 41Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 42Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 43Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 44Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 56 page
background image
AT25DF641
41
3680F–DFLASH–4/10
11.2. Read Manufacturer and Device ID
Identification information can be read from the device to enable systems to electronically query and identify the
device while it is in system. The identification method and the command opcode comply with the JEDEC standard
for “Manufacturer and Device ID Read Methodology for SPI Compatible Serial Interface Memory Devices”. The
type of information that can be read from the device includes the JEDEC defined Manufacturer ID, the vendor
specific Device ID, and the vendor specific Extended Device Information.
The Read Manufacturer and Device ID command is limited to a maximum clock frequency of fCLK. Since not all
Flash devices are capable of operating at very high clock frequencies, applications should be designed to read
the identification information from the devices at a reasonably low clock frequency to ensure that all devices to be
used in the application can be identified properly. Once the identification process is complete, the application can
then increase the clock frequency to accommodate specific Flash devices that are capable of operating at the
higher clock frequencies.
To read the identification information, the
pin must first be asserted and the opcode of 9Fh must be clocked
into the device. After the opcode has been clocked in, the device will begin outputting the identification data on
the SO pin during the subsequent clock cycles. The first byte that will be output will be the Manufacturer ID
followed by two bytes of Device ID information. The fourth byte output will be the Extended Device Information
String Length, which will be 00h indicating that no Extended Device Information follows. After the Extended
Device Information String Length byte is output, the SO pin will go into a high-impedance state; therefore,
additional clock cycles will have no affect on the SO pin and no data will be output. As indicated in the JEDEC
standard, reading the Extended Device Information String Length and any subsequent data is optional.
Deasserting the
pin will terminate the Manufacturer and Device ID read operation and put the SO pin into a
high-impedance state. The
pin can be deasserted at any time and does not require that a full byte of data be
read.
Table 11-1.
Manufacturer and Device ID Information
Byte No.
Data Type
Value
1
Manufacturer ID
1Fh
2
Device ID (Part 1)
48h
3
Device ID (Part 2)
00h
4
Extended Device Information String Length
00h
Table 11-2.
Manufacturer and Device ID Details
Data Type
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Hex
Value Details
Manufacturer ID
JEDEC Assigned Code
1Fh JEDEC Code:
0001 1111 (1Fh for Adesto)
0
0
0
1
1
1
1
1
Device ID (Part 1)
Family Code
Density Code
48h Family Code:
010 (AT25DF/26DFxxx series)
Density Code:
01000 (64-Mbit)
0
1
0
0
1
0
0
0
Device ID (Part 2)
Sub Code
Product Version Code
00h Sub Code:
000 (Standard series)
Product Version: 00000 (Initial version)
0
0
0
0
0
0
0
0
CS
CS
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com