Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF641 Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # AT25DF641
Description  Minimum Serial Peripheral Interface Serial Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF641 Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button AT25DF641_13 Datasheet HTML 29Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 30Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 31Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 32Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 33Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 34Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 35Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 36Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
AT25DF641
33
3680F–DFLASH–4/10
If the device is powered-down during the OTP Security Register program cycle, then the contents of the 64-byte
user programmable portion of the OTP Security Register cannot be guaranteed and cannot be programmed
again.
The Program OTP Security Register command utilizes the internal 256-buffer for processing. T herefore, the
contents of the buffer will be altered from its previous state when this command is issued.
Figure 9-4.
Program OTP Security Register
SO
SI
SCK
CS
MS B
MS B
2
3
1
0
1
0
0
1
1
0
1
1
6
7
5
4
9
8
39
37 38
33
36
35
34
31 32
29 30
OP C ODE
HIG H-IMP E DANC E
A
A
A
A
A
A
MS B
D
D
D
D
D
D
D
D
ADDR E S S B ITS A23-A0
DATA IN B Y TE 1
MS B
D
D
D
D
D
D
D
D
DATA IN B Y TE n
9.5.
Read OTP Security Register
The OTP Security Register can be sequentially read in a similar fashion to the Read Array operation up to the
maximum clock frequency specified by fMAX. To read the OTP Security Register, the
pin must first be asserted
and the opcode of 77h must be clocked into the device. After the opcode has been clocked in, the three address
bytes must be clocked in to specify the starting address location of the first byte to read within the OTP Security
Register. Following the three address bytes, two dummy bytes must be clocked into the device before data can
be output.
After the three address bytes and the dummy bytes have been clocked in, additional clock cycles will result in
OTP Security Register data being output on t he SO pin. When the last byte (00007Fh) of the OTP Security
Register has been read, the device will continue reading back at the beginning of the register (000000h). No
delays will be incurred when wrapping around from the end of the register to the beginning of the register.
Deasserting the
pin will terminate the read operation and put the SO pin into a high-impedance state. The
pin can be deasserted at any time and does not require that a full byte of data be read.
Figure 9-5.
Read OTP Security Register
SO
SI
SCK
CS
M S B
M S B
2
3
1
0
0
1
1
1
0
1
1
1
6
7
5
4
10 11
9
8
12
33
36
35
34
31 32
29 30
O P C O DE
A
A
A
A
A
A
A
A
A
X
X
X
M S B
M S B
D
D
D
D
D
D
D
D
D
D
ADDR E S S B IT S A23-A0
M S B
X
X
X
X
X
X
DO N'T C AR E
DAT A B Y T E 1
HIG H-IMP E DANC E
CS
CS
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com