Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF641 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AT25DF641
Description  Minimum Serial Peripheral Interface Serial Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF641 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AT25DF641_13 Datasheet HTML 1Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 2Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 3Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 4Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 5Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 6Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 7Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 8Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
Features
• Single 2.7V − 3.6V Supply
• Serial Peripheral Interface (SPI) Compatible
 Supports SPI Modes 0 and 3
 Supports RapidS Operation
 Supports Dual-Input Program and Dual-Output Read
• Very High Operating Frequencies
 100MHz for RapidS
 75MHz for SPI
 Clock-to-Output (t
V) of 5ns Maximum
• Flexible, Optimized Erase Architecture for Code + Data Storage Applications
 Uniform 4-Kbyte Block Erase
 Uniform 32-Kbyte Block Erase
 Uniform 64-Kbyte Block Erase
 Full Chip Erase
• Individual Sector Protection with Global Protect/Unprotect Feature
 128 Sectors of 64-Kbytes Each
• Hardware Controlled Locking of Protected Sectors via
P
in
• Sector Lockdown
 Make Any Combination of 64-Kbyte Sectors Permanently Read-Only
• 128-Byte Programmable OTP Security Register
• Flexible Programming
 Byte/Page Program (1- to 256-Bytes)
• Fast Program and Erase Times
 1.0ms Typical Page Program (256-Bytes) Time
 50ms Typical 4-Kbyte Block Erase Time
 250ms Typical 32-Kbyte Block Erase Time
 400ms Typical 64-Kbyte Block Erase Time
• Program and Erase Suspend/Resume
• Automatic Checking and Reporting of Erase/Program Failures
• Software Controlled Reset
• JEDEC Standard Manufacturer and Device ID Read Methodology
• Low Power Dissipation
 5mA Active Read Current (Typical at 20MHz)
 5µA Deep Power-Down Current (Typical)
• Endurance: 100,000 Program/Erase Cycles
• Data Retention: 20 Years
• Complies with Full Industrial Temperature Range
• Industry Standard Green (Pb/Halide-free/RoHS Compliant) Package Options
 16-Lead SOIC (300-mil wide)
 8-Contact Very Thin DFN (6 x 8mm)
64-Mbit, 2.7V
Minimum Serial
Peripheral Interface
Serial Flash Memory
AT25DF641
3680F–DFLASH–4/10
WP


Similar Part No. - AT25DF641_13

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25DF641-MWH-T ATMEL-AT25DF641-MWH-T Datasheet
1Mb / 59P
64-Megabit 2.7-volt Minimum SPI Serial Flash Memory
AT25DF641-MWH-Y ATMEL-AT25DF641-MWH-Y Datasheet
1Mb / 59P
64-Megabit 2.7-volt Minimum SPI Serial Flash Memory
AT25DF641-S3H-B ATMEL-AT25DF641-S3H-B Datasheet
1Mb / 59P
64-Megabit 2.7-volt Minimum SPI Serial Flash Memory
AT25DF641-S3H-T ATMEL-AT25DF641-S3H-T Datasheet
1Mb / 59P
64-Megabit 2.7-volt Minimum SPI Serial Flash Memory
AT25DF641A ATMEL-AT25DF641A Datasheet
1Mb / 57P
64-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
More results

Similar Description - AT25DF641_13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EX25512ATA00A RENESAS-R1EX25512ATA00A Datasheet
566Kb / 21P
Serial Peripheral Interface
logo
ATMEL Corporation
AT25DF081A ATMEL-AT25DF081A Datasheet
1Mb / 53P
8-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
AT25DF641A ATMEL-AT25DF641A Datasheet
1Mb / 57P
64-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
logo
List of Unclassifed Man...
AT25DF041A ETC2-AT25DF041A_13 Datasheet
746Kb / 42P
Minimum SPI Serial Flash Memory
AT25DF081 ETC2-AT25DF081_13 Datasheet
967Kb / 38P
Minimum SPI Serial Flash Memory
AT25DF161 ETC2-AT25DF161_13 Datasheet
3Mb / 52P
Minimum SPI Serial Flash Memory
AT26DF081A ETC2-AT26DF081A_13 Datasheet
763Kb / 40P
Minimum SPI Serial Flash Memory
AT25DF321A ETC2-AT25DF321A Datasheet
1Mb / 53P
32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
logo
ATMEL Corporation
AT25DF321A ATMEL-AT25DF321A_10 Datasheet
2Mb / 52P
32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
logo
Renesas Technology Corp
AT25DF321A RENESAS-AT25DF321A Datasheet
1Mb / 51P
32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
02/2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com