Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF641 Datasheet(PDF) 44 Page - List of Unclassifed Manufacturers

Part # AT25DF641
Description  Minimum Serial Peripheral Interface Serial Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF641 Datasheet(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button AT25DF641_13 Datasheet HTML 40Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 41Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 42Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 43Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 44Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 45Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 46Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 47Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 48Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 56 page
background image
44
AT25DF641
3680F–DFLASH–4/10
11.4. Resume from Deep Power-Down
In order to exit the Deep Power-Down mode and resume normal device operation, the Resume from Deep Power-
Down command must be issued. The Resume from Deep Power-Down command is the only command that the
device will recognized while in the Deep Power-Down mode.
To resume from the Deep Power-Down mode, the
pin must first be as serted and opcode of ABh must be
clocked into the device. Any additional data clocked into the device after the opcode will be ignored. When the
pin is deasserted, the device will exit the Deep Power-Down mode within the maximum time of tRDPD and return to
the standby mode. After the device has returned to the standby mode, normal command operations such as Read
Array can be resumed.
If the complete opcode is not clocked in before the
pin is deasserted, or if the
pin is not deasserted on an
even byte boundary (multiples of eight bits), then the device will abort the operation and return to the Deep
Power-Down mode.
Figure 11-4.
Resume from Deep Power-Down
SO
SI
SCK
CS
ICC
MS B
2
3
1
0
1
0
1
0
1
0
1
1
6
7
5
4
OP C ODE
HIG H-IMP E DANC E
Deep P ower-Down Mode C urrent
Active C urrent
S tandby Mode C urrent
tRDPD
CS
CS
CS
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com