Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF641 Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # AT25DF641
Description  Minimum Serial Peripheral Interface Serial Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF641 Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button AT25DF641_13 Datasheet HTML 45Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 46Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 47Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 48Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 49Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 50Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 51Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 52Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
AT25DF641
49
3680F–DFLASH–4/10
13.6. Program and Erase Characteristics
Symbol
Parameter
Min
Typ
Max
Units
tPP(1)
Page Program Time (256 Bytes)
1.0
3.0
ms
tBP
Byte Program Time
7
µs
tBLKE(1)
Block Erase Time
4-Kbytes
50
200
ms
32-Kbytes
250
600
64-Kbytes
400
950
tCHPE(1)(2)
Chip Erase Time
64
112
sec
tSUSP
Program/Erase Suspend Time
10
20
µ
s
tRES
Program/Erase Resume Time
10
20
µ
s
tOTPP(1)
OTP Security Register Program Time
200
500
µ
s
tWRSR(2)
Write Status Register Time
200
ns
Notes: 1. Maximum values indicate worst-case performance after 100,000 erase/program cycles
2. Not 100% tested (value guaranteed by design and characterization)
13.7. Power-up Conditions
Symbol
Parameter
Min
Max
Units
tVCSL
Minimum VCC to Chip Select Low Time
50
µ
s
tPUW
Power-up Device Delay Before Program or Erase Allowed
10
ms
VPOR
Power-on Reset Voltage
1.5
2.5
V
13.8. Input Test Waveforms and Measurement Levels
AC
DRIVING
LEVELS
AC
MEASUREMENT
LEVEL
0.1V
CC
V
CC/2
0.9V
CC
tR, tF < 2 ns (10% to 90%)
13.9. Output Test Load
DEVICE
UNDER
TEST
15pF (frequencies above 70MHz)
or
30pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com