Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF641 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # AT25DF641
Description  Minimum Serial Peripheral Interface Serial Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF641 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button AT25DF641_13 Datasheet HTML 35Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 36Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 37Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 38Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 39Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 40Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 41Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 42Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
AT25DF641
39
3680F–DFLASH–4/10
10.3. Write Status Register Byte 2
The Write Status Register Byte 2 c ommand is used to modify the RSTE and SLE bits of the Status Register.
Using the Write Status Register Byte 2 command is the only way to modify the RSTE and SLE bits in the Status
Register during normal device operation, and the SLE bit can only be modified if the sector lockdown state has
not been frozen. Before the Write Status Register Byte 2 command can be issued, the Write Enable command
must have been previously issued to set the WEL bit in the Status Register to a logical “1”.
To issue the Write Status Register Byte 2 command, the
pin must first be asserted and the opcode of 31h
must be clocked into the device followed by one byte of data. The one byte of data consists of three don’t care
bits, the RSTE bit value, the SLE bit value, and three additional don’t care bits (see Table 10-4). Any additional
data bytes that are sent to the device will be ignored. When the
pin is deasserted, the RSTE and SLE bits in
the Status Register will be modified, and the WEL bit in the Status Register will be reset back to a logical “0”. The
SLE bit will only be modified if the Freeze Sector Lockdown State command has not been previously issued.
The complete one byte of data must be clocked into the device before the
pin is deasserted, and the
pin
must be deasserted on even byte boundaries (multiples of eight bits); otherwise, the device will abort the
operation, the state of the RSTE and SLE bits will not change, and the WEL bit in the Status Register will be reset
back to the logical “0” state.
Table 10-4.
Write Status Register Byte 2 Format
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
X
X
X
RSTE
SLE
X
X
X
Figure 10-3.
Write Status Register Byte 2
SO
SI
SCK
CS
MS B
2
3
1
0
0
0
1
1
0
0
0
6
7
5
4
OPCODE
10 11
9
8
14 15
13
12
1
MS B
X
X
X
D
D
X
X
X
S TATUS R E GIS TE R IN
BYTE 2
HIG H-IMP E DANC E
CS
CS
CS
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com