Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NG80960JS25 Datasheet(PDF) 66 Page - Intel Corporation

Part # NG80960JS25
Description  80960JA/JF/JD/JS/JC/JT 3.3 V Embedded 32-Bit Microprocessor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NG80960JS25 Datasheet(HTML) 66 Page - Intel Corporation

Back Button NG80960JS25 Datasheet HTML 62Page - Intel Corporation NG80960JS25 Datasheet HTML 63Page - Intel Corporation NG80960JS25 Datasheet HTML 64Page - Intel Corporation NG80960JS25 Datasheet HTML 65Page - Intel Corporation NG80960JS25 Datasheet HTML 66Page - Intel Corporation NG80960JS25 Datasheet HTML 67Page - Intel Corporation NG80960JS25 Datasheet HTML 68Page - Intel Corporation NG80960JS25 Datasheet HTML 69Page - Intel Corporation NG80960JS25 Datasheet HTML 70Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 86 page
background image
80960JA/JF/JD/JS/JC/JT 3.3 V Embedded 32-Bit Microprocessor
66
Datasheet
Table 37. Maximum TA at Various Airflows in °C (80960JT)
Airflow-ft/min (m/sec)
fCLKIN
(MHz)
0
(0)
200
(1.01)
400
(2.03)
600
(3.04)
800
(4.06)
1000
(5.07)
PQFP
Package
TA without Heatsink
33
63
74
78
82
86
87
PGA
Package
TA without Heatsink
33
60
70
78
81
82
84
TA with Omnidirectional
Heatsink1
33
76
86
90
92
94
94
TA with Unidirectional
Heatsink2
33
74
87
90
92
94
94
MPBGA
Package
TA without Heatsink
33
46
60
63
65
66
68
NOTES:
1. 0.248 inch high omnidirectional heatsink (AI alloy 6061, 41 mil fin width, 124 mil center-to-center fin
spacing).
2. 0.250 inch high unidirectional heatsink (AI alloy 6061, 50 mil fin width, 146 mil center-to-center fin spacing).
Table 38. Maximum TA at Various Airflows in °C (80960JC)
Airflow-ft/min (m/sec)
fCLKIN (MHz)
0
(0)
200
(1.01)
400
(2.03)
600
(3.04)
800
(4.06)
1000
(5.07)
PQFP
Package
TA without Heatsink
33
25
20
16.67
75
79
84
86
82
86
89
90
85
87
90
92
88
90
92
93
90
92
94
95
91
93
94
95
PGA
Package
TA without Heatsink
33
25
20
16.67
73
78
83
85
79
83
87
89
85
87
90
92
87
89
92
93
88
90
92
93
89
91
93
94
TA with Omnidirectional
Heatsink1
33
25
20
16.67
84
87
90
91
90
92
94
95
93
95
96
96
95
96
97
97
96
96
97
98
96
96
97
98
TA with Unidirectional
Heatsink2
33
25
20
16.67
82
86
89
90
91
93
94
95
93
95
96
96
95
96
97
97
96
96
97
98
96
96
97
98
MPBGA
Package
TA without Heatsink
33
25
20
16.67
63
69
76
80
73
78
83
85
75
79
84
86
76
80
85
87
77
81
85
87
78
82
86
88
NOTES:
1. 0.248 inch high omnidirectional heatsink (AI alloy 6061, 41 mil fin width, 124 mil center-to-center fin
spacing).
2. 0.250 inch high unidirectional heatsink (AI alloy 6061, 50 mil fin width, 146 mil center-to-center fin spacing).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com