Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NG80960JS25 Datasheet(PDF) 27 Page - Intel Corporation

Part # NG80960JS25
Description  80960JA/JF/JD/JS/JC/JT 3.3 V Embedded 32-Bit Microprocessor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NG80960JS25 Datasheet(HTML) 27 Page - Intel Corporation

Back Button NG80960JS25 Datasheet HTML 23Page - Intel Corporation NG80960JS25 Datasheet HTML 24Page - Intel Corporation NG80960JS25 Datasheet HTML 25Page - Intel Corporation NG80960JS25 Datasheet HTML 26Page - Intel Corporation NG80960JS25 Datasheet HTML 27Page - Intel Corporation NG80960JS25 Datasheet HTML 28Page - Intel Corporation NG80960JS25 Datasheet HTML 29Page - Intel Corporation NG80960JS25 Datasheet HTML 30Page - Intel Corporation NG80960JS25 Datasheet HTML 31Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 86 page
background image
80960JA/JF/JD/JS/JC/JT 3.3 V Embedded 32-Bit Microprocessor
Datasheet
27
3.2.3
80960Jx 132-Lead PQFP Pinout
Figure 5. 132-Lead PQFP - Top View
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
99
98
97
96
95
94
93
92
91
90
89
88
87
86
85
84
83
82
81
80
79
78
77
76
75
74
73
72
71
70
69
68
67
TRST#
TCK
TMS
HOLD
XINT0#
XINT1#
XINT2#
XINT3#
VCC (I/O)
VSS (I/O)
XINT4#
XINT5#
XINT6#
XINT7#
NMI#
VCC (Core)
VSS (Core)
NC
NC
VCC5
NC
NC
FAIL#
ALE#
TDO
VCC (I/O)
VSS(I/O)
WIDTH/HLTD1
VCC(Core)
VSS (Core)
WIDTH/HLTD0
A2
A3
AD9
VCC (I/O)
AD10
VSS (I/O)
VCC (I/O)
AD11
VSS (I/O)
VCC (Core)
VSS (Core)
AD12
AD13
AD14
AD15
VCC (I/O)
VSS (I/O)
AD16
AD17
AD18
AD19
NC
VCC (I/O)
AD22
AD25
AD21
AD20
AD24
AD26
AD23
VSS (I/O)
VCC (Core)
VCC (I/O)
VSS (Core)
VSS (I/O)
iXXXXXXXXSS
M
© 19xx
i960®
x80960Jx
NOTE: To address the fact that many of the package prefix variables have changed, all package prefix
variables in this document are now indicated with an "x".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com