Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NG80960JS25 Datasheet(PDF) 43 Page - Intel Corporation

Part # NG80960JS25
Description  80960JA/JF/JD/JS/JC/JT 3.3 V Embedded 32-Bit Microprocessor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NG80960JS25 Datasheet(HTML) 43 Page - Intel Corporation

Back Button NG80960JS25 Datasheet HTML 39Page - Intel Corporation NG80960JS25 Datasheet HTML 40Page - Intel Corporation NG80960JS25 Datasheet HTML 41Page - Intel Corporation NG80960JS25 Datasheet HTML 42Page - Intel Corporation NG80960JS25 Datasheet HTML 43Page - Intel Corporation NG80960JS25 Datasheet HTML 44Page - Intel Corporation NG80960JS25 Datasheet HTML 45Page - Intel Corporation NG80960JS25 Datasheet HTML 46Page - Intel Corporation NG80960JS25 Datasheet HTML 47Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 86 page
background image
80960JA/JF/JD/JS/JC/JT 3.3 V Embedded 32-Bit Microprocessor
Datasheet
43
Synchronous Output Timings
TOV1
Output Valid Delay, Except ALE/ALE#
Inactive and DT/R# for 3.3 V input
signals
Same as above, but for 5.5 V input
signals
Extended Temp MPBGA and PQFP
(JS/JC/JT only):
Output Valid Delay, Except ALE/ALE#
Inactive and DT/R# for 3.3 V input
signals
Same as above, but for 5.5 V input
signals
2.5
2.5
1.75
1.75
13.5
16.5
13.5
16.5
ns
(2, 11)
TOV2
Output Valid Delay, DT/R#
80960JS/JC/JT
80960JD
80960JA/JF
0.5TC + 7
0.5TC + 7
0.5TC + 4
0.5TC + 9
0.5TC + 9
0.5TC + 18
ns
TOF
Output Float Delay
2.5
13.5
ns
(4)
Synchronous Input Timings
TIS1
Input Setup to CLKIN — AD[31:0], NMI#,
XINT[7:0]#
80960JS/JC/JT
80960JD
80960JA/JF
6
6
9
ns
(5)
TIH1
Input Hold from CLKIN — AD[31:0],
NMI#, XINT[7:0]#
80960JS/JC/JT
80960JD
80960JA/JF
2.0
1.5
1.0
ns
(5)
TIS2
Input Setup to CLKIN — RDYRCV# and
HOLD
80960JS/JC/JT
80960JD
80960JA/JF
6.5
6.5
10.0
ns
(6)
TIH2
Input Hold from CLKIN — RDYRCV#
and HOLD
1ns
(6)
TIS3
Input Setup to CLKIN — RESET#
80960JS/JC/JT
80960JD
80960JA/JF
7
7
8
ns
(7)
TIH3
Input Hold from CLKIN — RESET#
80960JS/JC/JT
80960JD
80960JA/JF
2
2
1
ns
(7)
TIS4
Input Setup to RESET# — ONCE#,
STEST
80960JS/JC/JT
80960JD
80960JA/JF
7
7
8
ns
(8)
Table 22. 80960Jx A.C. Characteristics (Sheet 2 of 3)
Symbol
Parameter
Min
Max
Unit
Notes
NOTE: See Table 23 on page 45 for note definitions for this table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com