Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NG80960JS25 Datasheet(PDF) 59 Page - Intel Corporation

Part # NG80960JS25
Description  80960JA/JF/JD/JS/JC/JT 3.3 V Embedded 32-Bit Microprocessor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NG80960JS25 Datasheet(HTML) 59 Page - Intel Corporation

Back Button NG80960JS25 Datasheet HTML 55Page - Intel Corporation NG80960JS25 Datasheet HTML 56Page - Intel Corporation NG80960JS25 Datasheet HTML 57Page - Intel Corporation NG80960JS25 Datasheet HTML 58Page - Intel Corporation NG80960JS25 Datasheet HTML 59Page - Intel Corporation NG80960JS25 Datasheet HTML 60Page - Intel Corporation NG80960JS25 Datasheet HTML 61Page - Intel Corporation NG80960JS25 Datasheet HTML 62Page - Intel Corporation NG80960JS25 Datasheet HTML 63Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 86 page
background image
80960JA/JF/JD/JS/JC/JT 3.3 V Embedded 32-Bit Microprocessor
Datasheet
59
5.0
Device Identification
80960Jx processors may be identified electrically, according to device type and stepping (see
Figure 39, and Table 25 through Table 30). Table 24 identifies the device type and stepping
for all 5 V, 80960Jx processors. Figure 39, and Table 25 through Table 30 identify all 3.3 V
to 5 V-tolerant 80960Jx processors. The device ID was enhanced to differentiate between 3.3 V and
5 V supply voltages, and between non-clock-doubled and clock-doubled cores when stepping from
the A2 stepping to the C0 stepping. The 32-bit identifier is accessible in several ways:
• Upon reset, the identifier is placed into the g0 register.
• The identifier may be accessed from supervisor mode at any time by reading the DEVICEID
register at address FF008710H.
• The IEEE Standard 1149.1 Test Access Port may select the DEVICE ID register through the
IDCODE instruction.
• The device and stepping letter is also printed on the top side of the product package.
Table 24. 80960Jx Device Type and Stepping Reference
Device and
Stepping
Version
Number
Part Number
Manufacturer
X
Complete ID
(Hex)
80960JT A0, A1
0000
0000 1000 0010 1011
0000 0001 001
1
0082B013
80960JC A1
0011
0000 1000 0011 0011
0000 0001 001
1
30833013
80960JS A1
0011
0000 1000 0010 0011
0000 0001 001
1
30823013
80960JD C0
0011
0000 1000 0011 0000
0000 0001 001
1
30830013
80960JF C0
0011
0000 1000 0010 0000
0000 0001 001
1
30820013
80960JA C0
0011
0000 1000 0010 0001
0000 0001 001
1
30821013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com