Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NG80960JS25 Datasheet(PDF) 37 Page - Intel Corporation

Part # NG80960JS25
Description  80960JA/JF/JD/JS/JC/JT 3.3 V Embedded 32-Bit Microprocessor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NG80960JS25 Datasheet(HTML) 37 Page - Intel Corporation

Back Button NG80960JS25 Datasheet HTML 33Page - Intel Corporation NG80960JS25 Datasheet HTML 34Page - Intel Corporation NG80960JS25 Datasheet HTML 35Page - Intel Corporation NG80960JS25 Datasheet HTML 36Page - Intel Corporation NG80960JS25 Datasheet HTML 37Page - Intel Corporation NG80960JS25 Datasheet HTML 38Page - Intel Corporation NG80960JS25 Datasheet HTML 39Page - Intel Corporation NG80960JS25 Datasheet HTML 40Page - Intel Corporation NG80960JS25 Datasheet HTML 41Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 86 page
background image
80960JA/JF/JD/JS/JC/JT 3.3 V Embedded 32-Bit Microprocessor
Datasheet
37
When the regulator cannot prevent the 2.25 V differential, the addition of the resistor is a simple
and reliable method for limiting current. The resistor may also prevent damage in the case of a
power failure, where the 5 V supply remains on and the 3.3 V supply goes to zero.
4.5
VCCPLL Pin Requirements
To reduce clock skew on the 80960Jx processor, the VCCPLL pin for the Phase Lock Loop (PLL)
circuit is isolated on the pinout. The lowpass filter, as shown in Figure 9, reduces noise induced
clock jitter and its effects on timing relationships in system designs. The 4.7 µF capacitor must be
low ESR solid tantalum; the 0.01 µF capacitor must be of the type X7R and the node connecting
VCCPLL must be as short as possible.
When the voltage on the VCCPLL power supply pin exceeds the VCC pin voltage by 0.5 V at any
time, including the power up and power down sequences, excessive currents may permanently
damage on-chip electrostatic discharge (ESD) protection diodes. The damage may accumulate over
multiple episodes.
In actual applications, this problem occurs only when the VCCPLL and VCC pins are driven by
separate power supplies or voltage regulators. Applications that use one power supply for
VCCPLL and VCC are not typically at risk. Verify that your application does not allow the
VCCPLL voltage to exceed VCC by 0.5 V.
The VCCPLL low-pass filter recommendation does not promote this problem.
Table 19. VDIFF Parameters
Symbol
Parameter
Min
Max
Units
Notes
VDIFF
VCC5-VCC
Difference
2.25
V
VCC5 input should not exceed VCC by more than 2.25 V
during power-up and power-down, or during steady-
state operation.
Figure 9. VCCPLL Lowpass Filter
100
VCC
(Board Plane)
VCCPLL
(On 80960Jx)
Ω (80960JA/JF/JD)
F_CA078A
0.01 µF
4.7 µF
+
10
Ω (80960JS/JC/JT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com