Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NG80960JS25 Datasheet(PDF) 76 Page - Intel Corporation

Part # NG80960JS25
Description  80960JA/JF/JD/JS/JC/JT 3.3 V Embedded 32-Bit Microprocessor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NG80960JS25 Datasheet(HTML) 76 Page - Intel Corporation

Back Button NG80960JS25 Datasheet HTML 72Page - Intel Corporation NG80960JS25 Datasheet HTML 73Page - Intel Corporation NG80960JS25 Datasheet HTML 74Page - Intel Corporation NG80960JS25 Datasheet HTML 75Page - Intel Corporation NG80960JS25 Datasheet HTML 76Page - Intel Corporation NG80960JS25 Datasheet HTML 77Page - Intel Corporation NG80960JS25 Datasheet HTML 78Page - Intel Corporation NG80960JS25 Datasheet HTML 79Page - Intel Corporation NG80960JS25 Datasheet HTML 80Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 86 page
background image
CLKIN
ALE#, ADS#,
ALE#,W/R#,
RESET#
LOCK#/
STEST
VCC
DT/R#
FAIL#
First
Bus
Activity
Valid
(Output)
ONCE#
AD31:0, A3:2,D/C#
(Note 1)
Idle (Note 2)
HOLD
Valid Input (Note 3)
BE3:0#, DEN#,
BLAST#
Valid Output (Note 3)
HOLDA
V
10,000 CLKIN periods, for PLL stabilization.
CC and CLKIN stable to RESET High, minimum
Built-in self-test (Note 4)
(Input)
1. The processor asserts FAIL# during built-in self-test. When self- test passes, the FAIL# pin is deasserted.The processor also asserts FAIL#
during the bus confidence test. When the bus confidence test passes, FAIL# is deasserted and the processor begins user program execution.
Notes:
2. If the processor fails built-in self-test, it initiates one dummy load bus access. The load address indicates the point of self-test failure.
3. Since the bus is idle, hold requests are honored during reset and built-in self-test.
WIDTH/HLTD1:0
4. When selected, built-in self test requires approximately (in CLKIN periods): 393,000 for 80960JT, 580,012 for the 80960JC,
1,176,025 for the 80960JS, 207,000 for 80960JD, and 414,000 for 80960JA/JF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com