Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NG80960JS25 Datasheet(PDF) 30 Page - Intel Corporation

Part # NG80960JS25
Description  80960JA/JF/JD/JS/JC/JT 3.3 V Embedded 32-Bit Microprocessor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NG80960JS25 Datasheet(HTML) 30 Page - Intel Corporation

Back Button NG80960JS25 Datasheet HTML 26Page - Intel Corporation NG80960JS25 Datasheet HTML 27Page - Intel Corporation NG80960JS25 Datasheet HTML 28Page - Intel Corporation NG80960JS25 Datasheet HTML 29Page - Intel Corporation NG80960JS25 Datasheet HTML 30Page - Intel Corporation NG80960JS25 Datasheet HTML 31Page - Intel Corporation NG80960JS25 Datasheet HTML 32Page - Intel Corporation NG80960JS25 Datasheet HTML 33Page - Intel Corporation NG80960JS25 Datasheet HTML 34Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 86 page
background image
80960JA/JF/JD/JS/JC/JT 3.3 V Embedded 32-Bit Microprocessor
30
Datasheet
3.2.4
80960Jx 196-Ball MPBGA Pinout
Figure 6. 196-Ball Mini Plastic Ball Grid Array Top View-Balls Facing Down
NC
AD8
VCC
AD13
AD15
VCC
AD18
VCC
AD22
VCC
NC
VCC
AD28
NC
AD4
AD7
AD9
AD10
AD12
AD14
AD17
AD20
AD23
VCC
AD29
AD27
AD30
VCC
AD2
AD6
AD11
VCC
VCC
AD16
AD19
AD21
AD24
AD25
AD26
AD31
NC
NC
NC
NC
NC
VCC
NC
NC
VCC
NC
NC
VCC
NC
NC
BE3#
BE1#
BSTAT
BE0#
VCC
LOCK#/
ALE
VCC
DEN#
HOLDA
AD1
AD0
VCC
VCC
VCCPLL
VCC
VCC
NC
CLKIN
NC
NC
VCC
NC
RESET#
TDI
STEST
NC
RDYRCV#
NC
AD5
VCC
VCC
NC
XINT0#
HOLD
A3
ADS#
NC
NC
XINT2#
NC
VCC
TCK
TRST#
TMS
VCC
VCC5
VCC
ALE#
NC
DT/R#
VCC
XINT3#
XINT1#
XINT5#
XINT7#
NMI#
NC
NC
FAIL#
WIDTH1
WIDTH0
VCC
BLAST#
NC
XINT4#
NC
TDO
VCC
A2
NC
NC
D/C#
W/R#
XINT6#
P
N
M
L
K
J
H
G
F
E
D
C
B
A
P
N
M
L
K
J
H
G
F
E
D
C
B
A
14
13
12
11
10
9
8
7
6
5
4
3
2
1
14
13
12
11
10
9
8
7
6
5
4
3
2
1
BE2#
VCC
NC
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
AD3
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
ONCE#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com