Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NG80960JS25 Datasheet(PDF) 34 Page - Intel Corporation

Part # NG80960JS25
Description  80960JA/JF/JD/JS/JC/JT 3.3 V Embedded 32-Bit Microprocessor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NG80960JS25 Datasheet(HTML) 34 Page - Intel Corporation

Back Button NG80960JS25 Datasheet HTML 30Page - Intel Corporation NG80960JS25 Datasheet HTML 31Page - Intel Corporation NG80960JS25 Datasheet HTML 32Page - Intel Corporation NG80960JS25 Datasheet HTML 33Page - Intel Corporation NG80960JS25 Datasheet HTML 34Page - Intel Corporation NG80960JS25 Datasheet HTML 35Page - Intel Corporation NG80960JS25 Datasheet HTML 36Page - Intel Corporation NG80960JS25 Datasheet HTML 37Page - Intel Corporation NG80960JS25 Datasheet HTML 38Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 86 page
background image
80960JA/JF/JD/JS/JC/JT 3.3 V Embedded 32-Bit Microprocessor
34
Datasheet
B7
AD20
E3
VCC
G13
CLKIN
K9
VSS
B8
AD17
E4
VSS
G14
NC
K10
VSS
B9
AD14
E5
VSS
H1
BE1#
K11
VSS
B10
AD12
E6
VSS
H2
BE2#
K12
NC
B11
AD10
E7
VSS
H3
BE3#
K13
VCC
B12
AD9
E8
VSS
H4
VSS
K14
STEST
B13
AD7
E9
VSS
H5
VSS
L1
HOLDA
B14
AD4
E10
VSS
H6
VSS
L2
DEN#
C1
NC
E11
VSS
H7
VSS
L3
VCC
C2
AD31
E12
VCC
H8
VSS
L4
VSS
C3
NC
E13
VCC
H9
VSS
L5
VSS
C4
AD26
E14
VCC
H10
VSS
L6
VSS
C5
AD25
F1
NC
H11
VSS
L7
VSS
C6
AD24
F2
NC
H12
NC
L8
VSS
C7
AD21
F3
VCC
H13
VCC
L9
VSS
C8
AD19
F4
VSS
H14
NC
L10
VSS
C9
AD16
F5
VSS
J1
VCC
L11
VSS
C10
VCC
F6
VSS
J2
BE0#
L12
NC
L13
NC
M10
XINT2#
N7
TDO
P4
VCC
L14
RDYRCV#
M11
XINT0#
N8
NC
P5
WIDTH0
M1
DT/R#
M12
TMS
N9
XINT4#
P6
WIDTH1
M2
VCC
M13
TRST#
N10
NC#
P7
FAIL#
M3
NC
M14
TCK
N11
XINT6#
P8
NC
M4
NC
N1
W/R#
N12
XINT1#
P9
NC
M5
A3
N2
D/C#
N13
XINT3#
P10
NMI#
M6
VCC
N3
NC
N14
HOLD
P11
XINT7#
M7
ALE#
N4
NC
P1
NC
P12
XINT5#
M8
VCC5
N5
A2
P2
ADS#
P13
VCC
M9
VCC
N6
VCC
P3
BLAST#
P14
NC
Table 16. 196-Ball MPBGA Pinout—In Pin Order (Sheet 2 of 2)
Pin
Signal
Pin
Signal
Pin
Signal
Pin
Signal
NOTE: Do not connect any external logic to pins marked NC (no connect pins).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com