Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NG80960JS25 Datasheet(PDF) 16 Page - Intel Corporation

Part # NG80960JS25
Description  80960JA/JF/JD/JS/JC/JT 3.3 V Embedded 32-Bit Microprocessor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NG80960JS25 Datasheet(HTML) 16 Page - Intel Corporation

Back Button NG80960JS25 Datasheet HTML 12Page - Intel Corporation NG80960JS25 Datasheet HTML 13Page - Intel Corporation NG80960JS25 Datasheet HTML 14Page - Intel Corporation NG80960JS25 Datasheet HTML 15Page - Intel Corporation NG80960JS25 Datasheet HTML 16Page - Intel Corporation NG80960JS25 Datasheet HTML 17Page - Intel Corporation NG80960JS25 Datasheet HTML 18Page - Intel Corporation NG80960JS25 Datasheet HTML 19Page - Intel Corporation NG80960JS25 Datasheet HTML 20Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 86 page
background image
80960JA/JF/JD/JS/JC/JT 3.3 V Embedded 32-Bit Microprocessor
16
Datasheet
The 196-ball Mini Plastic Ball Grid Array (MPBGA) device is specified for operation at
VCC = 3.3 V ± 0.15 V over a case temperature range of 0° C to 100° C. Table 6 presents the
80960Jx processor versions that are available in the 196-ball MPBGA package:
For pinout diagrams of the PQFP package, see Section 3.2.4, “80960Jx 196-Ball MPBGA Pinout”
on page 30.
For additional package specifications and information, refer to the Intel Packaging Databook,
available in individual chapters, at http://www.intel.com.
3.2
Pin Descriptions
This section describes the pins for the 80960Jx processors. For a description of pin function, see
Section 3.2.1, “Functional Pin Definitions” on page 16. Refer to the following sections for pinout
information for the three package types:
• Section 3.2.2, “80960Jx 132-Lead PGA Pinout” on page 23.
• Section 3.2.3, “80960Jx 132-Lead PQFP Pinout” on page 27.
• Section 3.2.4, “80960Jx 196-Ball MPBGA Pinout” on page 30.
3.2.1
Functional Pin Definitions
Table 7 presents the legend for interpreting the three pin description tables that follow. These tables
define the pins associated with the bus interface, basic control and test functions, and the Interrupt
Unit.
Table 5. 80960Jx Processors Available in Extended Temperature
Processor
Core Speed
Bus Speed
Package Type
x80960JA-25
25 MHz
25 MHz
PQFP
x80960JS-25
25 MHz
25 MHz
PQFP
x80960JS-33
33 MHz
33 MHz
PQFP
x80960JC-66
66 Mhz
33 MHz
PQFP
x80960JT-100
100 MHz
33 MHz
PQFP
x80960JC-66ET
66 MHz
33 MHz
MPBGA
Table 6. 80960Jx Processors Available in 196-Ball MPBGA Package
Processor
Core Speed
Bus Speed
x80960JT-100
100 MHz
33 MHz
x80960JC-66
66 MHz
33 MHz
x80960JS-33
33 MHz
33 MHz
x80960JS-25
25 MHz
25 MHz
x80960JD-50
50 MHz
25 MHz
x80960JA/JF-33
33 MHz
33 MHz
NOTE: To address the fact that many of the package prefix variables have changed, all package prefix
variables in this document are now indicated with an "x".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com