Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NG80960JS25 Datasheet(PDF) 26 Page - Intel Corporation

Part # NG80960JS25
Description  80960JA/JF/JD/JS/JC/JT 3.3 V Embedded 32-Bit Microprocessor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NG80960JS25 Datasheet(HTML) 26 Page - Intel Corporation

Back Button NG80960JS25 Datasheet HTML 22Page - Intel Corporation NG80960JS25 Datasheet HTML 23Page - Intel Corporation NG80960JS25 Datasheet HTML 24Page - Intel Corporation NG80960JS25 Datasheet HTML 25Page - Intel Corporation NG80960JS25 Datasheet HTML 26Page - Intel Corporation NG80960JS25 Datasheet HTML 27Page - Intel Corporation NG80960JS25 Datasheet HTML 28Page - Intel Corporation NG80960JS25 Datasheet HTML 29Page - Intel Corporation NG80960JS25 Datasheet HTML 30Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 86 page
background image
80960JA/JF/JD/JS/JC/JT 3.3 V Embedded 32-Bit Microprocessor
26
Datasheet
Table 12. 132-Lead PGA Pinout—In Pin Order
Pin
Signal
Pin
Signal
Pin
Signal
Pin
Signal
A1
ADS#
C6
FAIL#
H1
VCC
M10
AD12
A2
WIDTH/HLTD1
C7
VCC5
H2
VSS
M11
AD9
A3
ALE#
C8
NC
H3
BE0#
M12
AD8
A4
NC
C9
HOLD
H12
VCCPLL
M13
AD4
A5
NC
C10
XINT1#
H13
VSS
M14
AD0
A6
VCC
C11
XINT0#
H14
CLKIN
N1
AD27
A7
VCC
C12
TRST#
J1
VCC
N2
AD26
A8
VCC
C13
STEST
J2
VSS
N3
AD24
A9
VCC
C14
NC
J3
BE1#
N4
AD20
A10
NMI#
D1
VCC
J12
NC
N5
VSS
A11
XINT7#
D2
VSS
J13
VSS
N6
VSS
A12
XINT5#
D3
DT/R#
J14
VCC
N7
VSS
A13
XINT2#
D12
TDI
K1
VCC
N8
VSS
A14
TMS
D13
VSS
K2
VSS
N9
VSS
B1
W/R#
D14
VCC
K3
AD31
N10
VSS
B2
D/C#
E1
VCC
K12
AD2
N11
VSS
B3
WIDTH/HLTD0
E2
VSS
K13
VSS
N12
AD10
B4
TDO
E3
DEN#
K14
VCC
N13
AD7
B5
NC
E12
RESET#
L1
BE2#
N14
AD3
B6
VSS
E13
VSS
L2
BE3#
P1
AD25
B7
VSS
E14
VCC
L3
AD28
P2
AD22
B8
VSS
F1
VCC
L12
AD5
P3
AD19
B9
VSS
F2
VSS
L13
AD1
P4
AD18
B10
XINT6#
F3
BSTAT
L14
VCC
P5
VCC
B11
XINT4#
F12
RDYRCV#
M1
AD30
P6
VCC
B12
XINT3#
F13
VSS
M2
AD29
P7
VCC
B13
TCK
F14
VCC
M3
NC
P8
VCC
B14
NC
G1
VCC
M4
AD23
P9
VCC
C1
LOCK#/ONCE#
G2
VSS
M5
AD21
P10
VCC
C2
HOLDA
G3
ALE
M6
AD17
P11
VCC
C3
BLAST#
G12
NC
M7
AD16
P12
AD13
C4
A3
G13
VSS
M8
AD15
P13
AD11
C5
A2
G14
VCC
M9
AD14
P14
AD6
NOTE: Do not connect any external logic to pins marked NC (no connect pins).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com