Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NG80960JS25 Datasheet(PDF) 54 Page - Intel Corporation

Part # NG80960JS25
Description  80960JA/JF/JD/JS/JC/JT 3.3 V Embedded 32-Bit Microprocessor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NG80960JS25 Datasheet(HTML) 54 Page - Intel Corporation

Back Button NG80960JS25 Datasheet HTML 50Page - Intel Corporation NG80960JS25 Datasheet HTML 51Page - Intel Corporation NG80960JS25 Datasheet HTML 52Page - Intel Corporation NG80960JS25 Datasheet HTML 53Page - Intel Corporation NG80960JS25 Datasheet HTML 54Page - Intel Corporation NG80960JS25 Datasheet HTML 55Page - Intel Corporation NG80960JS25 Datasheet HTML 56Page - Intel Corporation NG80960JS25 Datasheet HTML 57Page - Intel Corporation NG80960JS25 Datasheet HTML 58Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 86 page
background image
80960JA/JF/JD/JS/JC/JT 3.3 V Embedded 32-Bit Microprocessor
54
Datasheet
Figure 27. TOF Output Float Waveform
Figure 28. TIS1 and TIH1 Input Setup and Hold Waveform
Figure 29. TIS2 and TIH2 Input Setup and Hold Waveform
1.5 V
1.5 V
TOF
CLKIN
AD[31:0],
ALE, ALE#
ADS#, A[3:2],
BE[3:0]#,
WIDTH/HLTD[1:0],
D/C#, W/R#, DT/R#,
DEN#, BLAST#, LOCK#
CLKIN
AD[31:0]
1.5 V
1.5 V
1.5 V
TIS1
TIH1
1.5 V
NMI#
XINT[7:0]#
Valid
CLKIN
Valid
HOLD,
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
TIS2
TIH2
RDYRCV#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com