Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NG80960JS25 Datasheet(PDF) 67 Page - Intel Corporation

Part # NG80960JS25
Description  80960JA/JF/JD/JS/JC/JT 3.3 V Embedded 32-Bit Microprocessor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NG80960JS25 Datasheet(HTML) 67 Page - Intel Corporation

Back Button NG80960JS25 Datasheet HTML 63Page - Intel Corporation NG80960JS25 Datasheet HTML 64Page - Intel Corporation NG80960JS25 Datasheet HTML 65Page - Intel Corporation NG80960JS25 Datasheet HTML 66Page - Intel Corporation NG80960JS25 Datasheet HTML 67Page - Intel Corporation NG80960JS25 Datasheet HTML 68Page - Intel Corporation NG80960JS25 Datasheet HTML 69Page - Intel Corporation NG80960JS25 Datasheet HTML 70Page - Intel Corporation NG80960JS25 Datasheet HTML 71Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 86 page
background image
80960JA/JF/JD/JS/JC/JT 3.3 V Embedded 32-Bit Microprocessor
Datasheet
67
Table 39. Maximum TA at Various Airflows in °C (80960JD)
Airflow-ft/min (m/sec)
fCLKIN (MHz)
0
(0)
200
(1.01)
400
(2.03)
600
(3.04)
800
(4.06)
1000
(5.07)
PQFP
Package
TA without Heatsink
33
25
20
16.67
61
70
75
79
73
79
82
86
76
82
85
87
81
86
88
90
85
88
90
92
86
90
91
93
PGA
Package
TA without Heatsink
33
25
20
16.67
58
68
73
78
68
75
79
83
76
82
85
87
80
84
87
89
81
86
88
90
83
87
89
91
TA with Omnidirectional
Heatsink1
33
25
20
16.67
75
81
84
87
85
88
90
92
90
92
93
95
92
94
95
96
93
95
96
96
93
95
96
96
TA with Unidirectional
Heatsink2
33
25
20
16.67
73
79
82
86
86
90
91
93
90
92
93
95
92
94
95
96
93
95
96
96
93
96
96
96
MPBGA
Package
TA without Heatsink
25
61
72
74
76
77
77
NOTES:
1. 0.248 inch high omnidirectional heatsink (AI alloy 6061, 41 mil fin width, 124 mil center-to-center fin
spacing).
2. 0.250 inch high unidirectional heatsink (AI alloy 6061, 50 mil fin width, 146 mil center-to-center fin spacing).
Table 40. Maximum TA at Various Airflows in °C (80960JS)
Airflow-ft/min (m/sec)
fCLKIN (MHz)
0
(0)
200
(1.01)
400
(2.03)
600
(3.04)
800
(4.06)
1000
(5.07)
PQFP
Package
TA without Heatsink
33
25
16.67
84
86
91
89
90
94
90
92
94
92
93
96
94
95
96
94
95
97
PGA
Package
TA without Heatsink
33
25
16.67
83
85
90
87
89
92
90
92
94
92
93
95
92
93
96
93
94
96
TA with Omnidirectional
Heatsink1
33
25
16.67
90
91
94
94
95
96
96
96
98
97
97
98
97
98
98
97
98
98
TA with Unidirectional
Heatsink2
33
25
16.67
89
90
94
94
95
97
96
96
98
97
97
98
97
98
98
97
98
98
MPBGA
Package
TA without Heatsink
33
25
16.67
76
80
86
83
85
90
84
86
91
85
87
91
85
87
92
86
88
92
NOTES:
1. 0.248 inch high omnidirectional heatsink (AI alloy 6061, 41 mil fin width, 124 mil center-to-center fin
spacing).
2. 0.250 inch high unidirectional heatsink (AI alloy 6061, 50 mil fin width, 146 mil center-to-center fin
spacing).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com