Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NG80960JS25 Datasheet(PDF) 80 Page - Intel Corporation

Part # NG80960JS25
Description  80960JA/JF/JD/JS/JC/JT 3.3 V Embedded 32-Bit Microprocessor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NG80960JS25 Datasheet(HTML) 80 Page - Intel Corporation

Back Button NG80960JS25 Datasheet HTML 76Page - Intel Corporation NG80960JS25 Datasheet HTML 77Page - Intel Corporation NG80960JS25 Datasheet HTML 78Page - Intel Corporation NG80960JS25 Datasheet HTML 79Page - Intel Corporation NG80960JS25 Datasheet HTML 80Page - Intel Corporation NG80960JS25 Datasheet HTML 81Page - Intel Corporation NG80960JS25 Datasheet HTML 82Page - Intel Corporation NG80960JS25 Datasheet HTML 83Page - Intel Corporation NG80960JS25 Datasheet HTML 84Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 86 page
background image
80960JA/JF/JD/JS/JC/JT 3.3 V Embedded 32-Bit Microprocessor
80
Datasheet
7.2
Boundary-Scan Register
The Boundary-Scan register contains a cell for each pin as well as cells for control of I/O and
HIGHZ pins.
Table 42 shows the bit order of the 80960Jx processor Boundary-Scan register. All table cells that
contain ‘CTL’ select the direction of bidirectional pins or HIGHZ output pins. When a 1 is loaded
into the control cell, the associated pin(s) are HIGHZ or selected as input.
Figure 52. Bus States with Arbitration
Ti — IDLE STATE
Ta — ADDRESS STATE
Tw / Td — WAIT/DATA STATE
Tr — RECOVERY STATE
Th — HOLD STATE
To — ONCE STATE
READY — RDYRCV# ASSERTED
NOT READY — RDYRCV# NOT ASSERTED
BURST — BLAST# NOT ASSERTED
NO BURST — BLAST# ASSERTED
RECOVERED — RDYRCV# NOT ASSERTED
NOT RECOVERED — RDYRCV# ASSERTED
REQUEST PENDING — NEW TRANSACTION
NO REQUEST
— NO NEW TRANSACTION
HOLD — HOLD REQUEST ASSERTED
NO HOLD — HOLD REQUEST NOT ASSERTED
LOCKED — ATOMIC EXECUTION (ATADD, ATMOD) IN PROGRESS
NOT LOCKED — NO ATOMIC EXECUTION IN PROGRESS
RESET — RESET# ASSERTED
ONCE — ONCE# ASSERTED
Tw/Td
Tr
Th
Ti
Ta
HOLD AND
NOT LOCKED
HOLD
RECOVERED AND
NO REQUEST AND
(NO HOLD OR
LOCKED)
RECOVERED AND
REQUEST
PENDING AND (NO
HOLD OR LOCKED)
NO REQUEST
AND NO HOLD
To
RESET
NOT
RECOVERED
RECOVERED AND
HOLD AND NOT
LOCKED
READY AND NO BURST
(READY AND BURST)
OR NOT READY
REQUEST PENDING
AND (NO HOLD OR
LOCKED)
NO REQUEST
AND (NO HOLD
OR LOCKED)
ONCE & RESET
DEASSERTION
REQUEST
PENDING AND
NO HOLD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com