Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NG80960JS25 Datasheet(PDF) 42 Page - Intel Corporation

Part # NG80960JS25
Description  80960JA/JF/JD/JS/JC/JT 3.3 V Embedded 32-Bit Microprocessor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NG80960JS25 Datasheet(HTML) 42 Page - Intel Corporation

Back Button NG80960JS25 Datasheet HTML 38Page - Intel Corporation NG80960JS25 Datasheet HTML 39Page - Intel Corporation NG80960JS25 Datasheet HTML 40Page - Intel Corporation NG80960JS25 Datasheet HTML 41Page - Intel Corporation NG80960JS25 Datasheet HTML 42Page - Intel Corporation NG80960JS25 Datasheet HTML 43Page - Intel Corporation NG80960JS25 Datasheet HTML 44Page - Intel Corporation NG80960JS25 Datasheet HTML 45Page - Intel Corporation NG80960JS25 Datasheet HTML 46Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 86 page
background image
80960JA/JF/JD/JS/JC/JT 3.3 V Embedded 32-Bit Microprocessor
42
Datasheet
4.7
A.C. Specifications
The 80960Jx A.C. timings are based upon device characterization.
Table 22. 80960Jx A.C. Characteristics (Sheet 1 of 3)
Symbol
Parameter
Min
Max
Unit
Notes
Input Clock Timings
TF
CLKIN Frequency
80960JT-100
80960JC-66
80960JC-50
80960JS-33
80960JS-25
80960JD-66
80960JD-50
80960JD-40
80960JD-33
80960JA/JF-33
80960JA/JF-25
80960JA-16
15
15
15
15
15
12
12
12
12
12
12
12
33.3
33.3
25
33.3
25
33.3
25
20
16.67
33.3
25
16
MHz
TC
CLKIN Period
80960JT-100
80960JC-66
80960JC-50
80960JS-33
80960JS-25
80960JD-66
80960JD-50
80960JD-40
80960JD-33
80960JA/JF-33
80960JA/JF-25
80960JA-16
30
30
40
30
40
30
40
50
60
30
40
62.5
66.7
66.7
66.7
66.7
66.7
83.3
83.3
83.3
83.3
83.3
83.3
83.3
ns
TCS
CLKIN Period Stability
± 250
ps
(1, 2)
TCH
CLKIN High Time
8
ns
Measured at 1.5 V (1)
TCL
CLKIN Low Time
8
ns
Measured at 1.5 V (1)
TCR
CLKIN Rise Time
4
ns
0.8 V to 2.0 V (1)
TCF
CLKIN Fall Time
4
ns
2.0 V to 0.8 V (1)
NOTE: See Table 23 on page 45 for note definitions for this table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com