Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NG80960JS25 Datasheet(PDF) 48 Page - Intel Corporation

Part # NG80960JS25
Description  80960JA/JF/JD/JS/JC/JT 3.3 V Embedded 32-Bit Microprocessor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NG80960JS25 Datasheet(HTML) 48 Page - Intel Corporation

Back Button NG80960JS25 Datasheet HTML 44Page - Intel Corporation NG80960JS25 Datasheet HTML 45Page - Intel Corporation NG80960JS25 Datasheet HTML 46Page - Intel Corporation NG80960JS25 Datasheet HTML 47Page - Intel Corporation NG80960JS25 Datasheet HTML 48Page - Intel Corporation NG80960JS25 Datasheet HTML 49Page - Intel Corporation NG80960JS25 Datasheet HTML 50Page - Intel Corporation NG80960JS25 Datasheet HTML 51Page - Intel Corporation NG80960JS25 Datasheet HTML 52Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 86 page
background image
80960JA/JF/JD/JS/JC/JT 3.3 V Embedded 32-Bit Microprocessor
48
Datasheet
Note:
The TLX Derating curve applies only when an imbalance in the capacitive load occurs between the
AD bus and ALE. The TLX derating is based on a 50 pF load on ALE. The derating applies to ALE
and ALE#.
Note:
The TLX Derating curve applies only when an imbalance in the capacitive load occurs between the
AD bus and ALE. The TLX derating is based on a 50 pF load on ALE. The derating applies to ALE
and ALE#.
Figure 15. TLX vs. AD Bus Load Capacitance–80960JS/JC/JT (5 V Signals)
Figure 16. TLX vs. AD Bus Load Capacitance–80960JA/JF/JD
AC Timings vs. Load Capacitance
(5 V Signals)
nom - 0
nom - 5
nom - 10
nom - 15
nom - 20
50
100
150
AD Bus Capacitive Load (pF)
AC Timings vs. Load Capacitance
nom - 0
nom - 1
nom - 2
nom - 3
nom - 4
nom - 5
nom - 6
nom - 7
nom - 8
50
100
150
AD Bus Capacitive Load (pF)
Rise and Fall times are identical.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com