Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NG80960JS25 Datasheet(PDF) 39 Page - Intel Corporation

Part # NG80960JS25
Description  80960JA/JF/JD/JS/JC/JT 3.3 V Embedded 32-Bit Microprocessor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NG80960JS25 Datasheet(HTML) 39 Page - Intel Corporation

Back Button NG80960JS25 Datasheet HTML 35Page - Intel Corporation NG80960JS25 Datasheet HTML 36Page - Intel Corporation NG80960JS25 Datasheet HTML 37Page - Intel Corporation NG80960JS25 Datasheet HTML 38Page - Intel Corporation NG80960JS25 Datasheet HTML 39Page - Intel Corporation NG80960JS25 Datasheet HTML 40Page - Intel Corporation NG80960JS25 Datasheet HTML 41Page - Intel Corporation NG80960JS25 Datasheet HTML 42Page - Intel Corporation NG80960JS25 Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 86 page
background image
80960JA/JF/JD/JS/JC/JT 3.3 V Embedded 32-Bit Microprocessor
Datasheet
39
Table 21. 80960Jx ICC Characteristics (Sheet 1 of 3)
Symbol
Parameter
Typ
Max
Units
Notes
ILI1
Input Leakage Current for each pin
except TCK, TDI, TRST# and TMS
± 1
µA
0
≤ V
IN ≤ VCC
ILI2
Input Leakage Current for TCK, TDI,
TRST# and TMS
80960 JA/JF/JD
80960 JS/JC/JT
-140
-250
-250
-300
µA
VIN = 0.45V (1)
ILO
Output Leakage Current
± 1
µA
0.4
≤ V
OUT
VCC
Rpu
Internal Pull-UP Resistance for
ONCE#, TMS, TDI and TRST#
20
30
k
ICC Active
(Power Supply)
80960JT-100
80960JC-66
80960JC-50
80960JS-33
80960JS-25
80960JD-66
80960JD-50
80960JD-40
80960JD-33
80960JA/JF-33
80960JA/JF-25
80960JA-16
505
360
280
240
185
580
447
367
310
320
241
154
mA
(2,3)
ICC Active
(Thermal)
80960JT-100
80960JC-66
80960JC-50
80960JS-33
80960JS-25
80960JD-66
80960JD-50
80960JD-40
80960JD-33
80960JA/JF-33
80960JA/JF-25
80960JA-16
480
345
270
221
170
510
390
320
260
271
215
152
mA
(2,4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com