Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NG80960JS25 Datasheet(PDF) 18 Page - Intel Corporation

Part # NG80960JS25
Description  80960JA/JF/JD/JS/JC/JT 3.3 V Embedded 32-Bit Microprocessor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NG80960JS25 Datasheet(HTML) 18 Page - Intel Corporation

Back Button NG80960JS25 Datasheet HTML 14Page - Intel Corporation NG80960JS25 Datasheet HTML 15Page - Intel Corporation NG80960JS25 Datasheet HTML 16Page - Intel Corporation NG80960JS25 Datasheet HTML 17Page - Intel Corporation NG80960JS25 Datasheet HTML 18Page - Intel Corporation NG80960JS25 Datasheet HTML 19Page - Intel Corporation NG80960JS25 Datasheet HTML 20Page - Intel Corporation NG80960JS25 Datasheet HTML 21Page - Intel Corporation NG80960JS25 Datasheet HTML 22Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 86 page
background image
80960JA/JF/JD/JS/JC/JT 3.3 V Embedded 32-Bit Microprocessor
18
Datasheet
Table 8.
Pin Description—External Bus Signals (Sheet 1 of 4)
NAME
TYPE
DESCRIPTION
AD[31:0]
I/O
S(L)
R(X)
H(Z)
P(Q)
ADDRESS / DATA BUS carries 32-bit physical addresses and 8-, 16- or 32-bit data
to and from memory. During an address (Ta) cycle, bits 31:2 contain a physical word
address (bits 0-1 indicate SIZE; see below). During a data (Td) cycle, read or write
data is present on one or more contiguous bytes, comprising AD[31:24], AD[23:16],
AD[15:8] and AD[7:0]. During write operations, unused pins are driven to
determinate values.
SIZE, which comprises bits 0-1 of the AD lines during a Ta cycle, specifies the
number of data transfers during the bus transaction.
AD1
AD0
Bus Transfers
0
0
1 Transfer
0
1
2 Transfers
1
0
3 Transfers
1
1
4 Transfers
When the processor enters Halt mode, if the previous bus operation was a:
•
write — AD[31:2] are driven with the last data value on the AD bus.
•
read — AD[31:4] are driven with the last address value on the AD bus; AD[3:2]
are driven with the value of A[3:2] from the last data cycle.
Typically, AD[1:0] reflect the SIZE information of the last bus transaction (either
instruction fetch or load/store) that was executed before entering Halt mode.
ALE
O
R(0)
H(Z)
P(0)
ADDRESS LATCH ENABLE indicates the transfer of a physical address. ALE is
asserted during a Ta cycle and deasserted before the beginning of the Td state. It is
active HIGH and floats to a high impedance state during a hold cycle (Th).
ALE#
O
R(1)
H(Z)
P(1)
ADDRESS LATCH ENABLE indicates the transfer of a physical address. ALE# is
the inverted version of ALE. This signal gives the 80960Jx a high degree of
compatibility with existing 80960Kx systems.
ADS#
O
R(1)
H(Z)
P(1)
ADDRESS STROBE indicates a valid address and the start of a new bus access.
The processor asserts ADS# for the entire Ta cycle. External bus control logic
typically samples ADS# at the end of the cycle.
A[3:2]
O
R(X)
H(Z)
P(Q)
ADDRESS[3:2] comprise a partial demultiplexed address bus.
32-bit memory accesses: the processor asserts address bits A[3:2] during Ta. The
partial word address increments with each assertion of RDYRCV# during a burst.
16-bit memory accesses: the processor asserts address bits A[3:1] during Ta with A1
driven on the BE1# pin. The partial short word address increments with each
assertion of RDYRCV# during a burst.
8-bit memory accesses: the processor asserts address bits A[3:0] during Ta, with
A[1:0] driven on BE[1:0]#. The partial byte address increments with each assertion of
RDYRCV# during a burst.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com