Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NG80960JS25 Datasheet(PDF) 33 Page - Intel Corporation

Part # NG80960JS25
Description  80960JA/JF/JD/JS/JC/JT 3.3 V Embedded 32-Bit Microprocessor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NG80960JS25 Datasheet(HTML) 33 Page - Intel Corporation

Back Button NG80960JS25 Datasheet HTML 29Page - Intel Corporation NG80960JS25 Datasheet HTML 30Page - Intel Corporation NG80960JS25 Datasheet HTML 31Page - Intel Corporation NG80960JS25 Datasheet HTML 32Page - Intel Corporation NG80960JS25 Datasheet HTML 33Page - Intel Corporation NG80960JS25 Datasheet HTML 34Page - Intel Corporation NG80960JS25 Datasheet HTML 35Page - Intel Corporation NG80960JS25 Datasheet HTML 36Page - Intel Corporation NG80960JS25 Datasheet HTML 37Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 86 page
background image
80960JA/JF/JD/JS/JC/JT 3.3 V Embedded 32-Bit Microprocessor
Datasheet
33
VSS
G7
VSS
H11
VSS
K7
VSS
L11
VSS
G8
VSS
J4
VSS
K8
WIDTH0
P5
VSS
G9
VSS
J5
VSS
K9
WIDTH1
P6
VSS
G10
VSS
J6
VSS
K10
W/R#
N1
VSS
G11
VSS
J7
VSS
K11
XINT0#
M11
VSS
H4
VSS
J8
VSS
L5
XINT1#
N12
VSS
H5
VSS
J9
VSS
L6
XINT2#
M10
VSS
H6
VSS
J10
VSS
L7
XINT3#
N13
VSS
H7
VSS
J11
VSS
L8
XINT4#
N9
VSS
H8
VSS
K4
VSS
L9
XINT5#
P12
VSS
H9
VSS
K5
VSS
L10
XINT6#
N11
VSS
H10
VSS
K6
VSS
L4
XINT7#
P11
Table 16. 196-Ball MPBGA Pinout—In Pin Order (Sheet 1 of 2)
Pin
Signal
Pin
Signal
Pin
Signal
Pin
Signal
A1
NC
C11
VCC
F7
VSS
J3
BSTAT
A2
AD28
C12
AD11
F8
VSS
J4
VSS
A3
VCC
C13
AD6
F9
VSS
J5
VSS
A4
NC
C14
AD2
F10
VSS
J6
VSS
A5
VCC
D1
NC
F11
VSS
J7
VSS
A6
AD22
D2
NC
F12
VCC
J8
VSS
A7
VCC
D3
NC
F13
VCC
J9
VSS
A8
AD18
D4
VSS
F14
VCCPLL
J10
VSS
A9
VCC
D5
VSS
G1
NC
J11
VSS
A10
AD15
D6
VSS
G2
NC
J12
TDI
A11
AD13
D7
VSS
G3
VCC
J13
NC
A12
VCC
D8
VSS
G4
VSS
J14
RESET#
A13
AD8
D9
VSS
G5
VSS
K1
ALE
A14
NC
D10
VSS
G6
VSS
K2
LOCK#/ONCE#
B1
VCC
D11
AD3
G7
VSS
K3
VCC
B2
AD30
D12
AD5
G8
VSS
K4
VSS
B3
AD27
D13
AD0
G9
VSS
K5
VSS
B4
AD29
D14
AD1
G10
VSS
K6
VSS
B5
VCC
E1
NC
G11
VSS
K7
VSS
B6
AD23
E2
NC
G12
NC
K8
VSS
NOTE: Do not connect any external logic to pins marked NC (no connect pins).
Table 15. 196-Ball MPBGA Pinout—In Signal Order (Sheet 2 of 2)
Signal
Pin
Signal
Pin
Signal
Pin
Signal
Pin
NOTE: Do not connect any external logic to pins marked NC (no connect pins).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com