Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NG80960JS25 Datasheet(PDF) 36 Page - Intel Corporation

Part # NG80960JS25
Description  80960JA/JF/JD/JS/JC/JT 3.3 V Embedded 32-Bit Microprocessor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NG80960JS25 Datasheet(HTML) 36 Page - Intel Corporation

Back Button NG80960JS25 Datasheet HTML 32Page - Intel Corporation NG80960JS25 Datasheet HTML 33Page - Intel Corporation NG80960JS25 Datasheet HTML 34Page - Intel Corporation NG80960JS25 Datasheet HTML 35Page - Intel Corporation NG80960JS25 Datasheet HTML 36Page - Intel Corporation NG80960JS25 Datasheet HTML 37Page - Intel Corporation NG80960JS25 Datasheet HTML 38Page - Intel Corporation NG80960JS25 Datasheet HTML 39Page - Intel Corporation NG80960JS25 Datasheet HTML 40Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 86 page
background image
80960JA/JF/JD/JS/JC/JT 3.3 V Embedded 32-Bit Microprocessor
36
Datasheet
4.3
Connection Recommendations
For clean on-chip power distribution, VCC and VSS pins separately feed the device’s functional
units. Power and ground connections must be made to all 80960Jx power and ground pins. On the
circuit board, every VCC pin should connect to a power plane and every VSS pin should connect to
a ground plane. Place liberal decoupling capacitance near the 80960Jx, since the processor may
cause transient power surges.
The 80960JS/JC/JT processors are produced on Intel’s advanced CMOS process. Proper bulk
decoupling must be used to prevent device damage during initial power up and during transitions
from low power mode to normal processor operation. Power supply behavior during these
transitions may cause the power supply to exceed the maximum VCC specification and may cause
device damage.
Pay special attention to the Test Reset (TRST#) pin. It is essential that the JTAG Boundary Scan
Test Access Port (TAP) controller initializes to a known state whether it may be used or not. When
the JTAG Boundary Scan function may be used, connect a pull-down resistor between the TRST#
pin and VSS. When the JTAG Boundary Scan function may not be used (even for board-level
testing), connect the TRST# pin to VSS.
Do not connect the TDI, TDO, and TCK pins when the TAP Controller may not be used.
Note:
Pins identified as NC must not be connected in the system.
4.4
VCC5 Pin Requirements (VDIFF)
In 3.3 V only systems where the 80960Jx input pins are driven from 3.3 V logic, connect the VCC5
pin directly to the 3.3 V VCC plane.
In mixed voltage systems where the processor is powered by 3.3 V and interfaces with 5 V
components, VCC5 must be connected to 5 V. This allows proper 5 V tolerant buffer operation, and
prevents damage to the input pins. The voltage differential between the 80960Jx VCC5 pin and its
3.3 V VCC pins must not exceed 2.25 V. When this requirement is not met, current flow through the
pin may exceed the value at which the processor is damaged. Instances when the voltage may
exceed 2.25 V is during power up or power down, where one source reaches its level faster than the
other, briefly causing an excess voltage differential. Another instance is during steady-state
operation, where the differential voltage of the regulator (provided a regulator is used) cannot be
maintained within 2.25 V. Two methods are possible to prevent this from happening:
• Use a regulator that is designed to prevent the voltage differential from exceeding 2.25 V.
or:
• As shown in Figure 8, place a 100
Ω resistor in series with the VCC5 pin to limit the current
through VCC5.
Figure 8. VCC5 Current-Limiting Resistor
+5 V (±0.25 V)
VCC5 Pin
100
Ω
(±5%, 0.5 W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com