Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM5259165B Datasheet(PDF) 56 Page - Elpida Memory

Part # HM5259165B
Description  512M LVTTL interface SDRAM 133 MHz/100 MHz 8-Mword 횞 16-bit 횞 4-bank/16-Mword 횞 8-bit 횞 4-bank /32-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HM5259165B Datasheet(HTML) 56 Page - Elpida Memory

Back Button HM5259165B Datasheet HTML 52Page - Elpida Memory HM5259165B Datasheet HTML 53Page - Elpida Memory HM5259165B Datasheet HTML 54Page - Elpida Memory HM5259165B Datasheet HTML 55Page - Elpida Memory HM5259165B Datasheet HTML 56Page - Elpida Memory HM5259165B Datasheet HTML 57Page - Elpida Memory HM5259165B Datasheet HTML 58Page - Elpida Memory HM5259165B Datasheet HTML 59Page - Elpida Memory HM5259165B Datasheet HTML 60Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 63 page
background image
HM5259165B/HM5259805B/HM5259405B-75/A6
Data Sheet E0118H10
56
Mode Register Set Cycle
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
CLK
CKE
CS
RAS
CAS
WE
BS
Address
DQM,
DQMU/DQML
DQ (input)
DQ (output)
High-Z
b
b+3
b’
b’+1
b’+2
b’+3
l
valid
C: b’
RSA
code
l RCD
l RP
Precharge
If needed
Mode
register
Set
Bank 3
Active
Bank 3
Read
R: b
C: b
Output mask
VIH
l
= 3
CAS latency = 3
Burst length = 4
= V
or V
IH
IL
RCD
Read Cycle/Write Cycle
0
1
2
3
4
5
6
7
8
9
1011
121314
151617
181920
R:a
C:a
R:b
C:b
C:b'
C:b"
a
a+1 a+2 a+3
b
b+1 b+2 b+3 b'
b'+1 b"
b"+1 b"+2 b"+3
CKE
RAS
CS
CAS
WE
Address
DQM,
DQMU/DQML
DQ (output)
DQ (input)
CLK
BS
R:a
C:a
R:b
C:b
C:b'
C:b"
a
a+1 a+2 a+3
b
b+1 b+2 b+3 b'
b'+1 b"
b"+1 b"+2 b"+3
Bank 0
Active
Bank 0
Read
Bank 3
Active
Bank 3
Read
Bank 3
Read
Bank 3
Read
Bank 0
Precharge
Bank 3
Precharge
Bank 0
Active
Bank 0
Write
Bank 3
Active
Bank 3
Write
Bank 3
Write
Bank 3
Write
Bank 0
Precharge
Bank 3
Precharge
CKE
RAS
CS
CAS
WE
Address
DQM,
DQMU/DQML
DQ (input)
DQ (output)
BS
High-Z
High-Z
VIH
VIH
Read cycle
RAS-CAS delay = 3
CAS latency = 3
Burst length = 4
= V
or V
IH
IL
Write cycle
RAS-CAS delay = 3
CAS latency = 3
Burst length = 4
= V
or V
IH
IL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com