Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM5259165B Datasheet(PDF) 32 Page - Elpida Memory

Part # HM5259165B
Description  512M LVTTL interface SDRAM 133 MHz/100 MHz 8-Mword 횞 16-bit 횞 4-bank/16-Mword 횞 8-bit 횞 4-bank /32-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HM5259165B Datasheet(HTML) 32 Page - Elpida Memory

Back Button HM5259165B Datasheet HTML 28Page - Elpida Memory HM5259165B Datasheet HTML 29Page - Elpida Memory HM5259165B Datasheet HTML 30Page - Elpida Memory HM5259165B Datasheet HTML 31Page - Elpida Memory HM5259165B Datasheet HTML 32Page - Elpida Memory HM5259165B Datasheet HTML 33Page - Elpida Memory HM5259165B Datasheet HTML 34Page - Elpida Memory HM5259165B Datasheet HTML 35Page - Elpida Memory HM5259165B Datasheet HTML 36Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 63 page
background image
HM5259165B/HM5259805B/HM5259405B-75/A6
Data Sheet E0118H10
32
Read with auto precharge to Write command interval
1. Different bank: When some banks are in the active state, the second write command (another bank) is
executed. However, DQM, DQMU/DQML must be set High so that the output buffer becomes High-Z before
data input. The internal auto-precharge of one bank starts at the next clock of the second command.
Read with Auto Precharge to Write Command Interval (Different bank)
CLK
Command
BS
Dout
Din
CL = 2
CL = 3
READ A
WRIT
in B0
in B1
in B2
in B3
Burst Length = 4
bank0
Read A
bank3
Write
Note: Internal auto-precharge starts at the timing indicated by "
".
DQM,
DQMU/DQML
High-Z
2. Same bank: The consecutive write command from read with auto precharge (the same bank) is illegal. It
is necessary to separate the two commands with a bank active command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com