Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM5259165B Datasheet(PDF) 31 Page - Elpida Memory

Part # HM5259165B
Description  512M LVTTL interface SDRAM 133 MHz/100 MHz 8-Mword 횞 16-bit 횞 4-bank/16-Mword 횞 8-bit 횞 4-bank /32-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HM5259165B Datasheet(HTML) 31 Page - Elpida Memory

Back Button HM5259165B Datasheet HTML 27Page - Elpida Memory HM5259165B Datasheet HTML 28Page - Elpida Memory HM5259165B Datasheet HTML 29Page - Elpida Memory HM5259165B Datasheet HTML 30Page - Elpida Memory HM5259165B Datasheet HTML 31Page - Elpida Memory HM5259165B Datasheet HTML 32Page - Elpida Memory HM5259165B Datasheet HTML 33Page - Elpida Memory HM5259165B Datasheet HTML 34Page - Elpida Memory HM5259165B Datasheet HTML 35Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 63 page
background image
HM5259165B/HM5259805B/HM5259405B-75/A6
Data Sheet E0118H10
31
Read with auto precharge to Read command interval
1. Different bank: When some banks are in the active state, the second read command (another bank) is
executed. Even when the first read with auto-precharge is a burst read that is not yet finished, the data read by
the second command is valid. The internal auto-precharge of one bank starts at the next clock of the second
command.
Read with Auto Precharge to Read Command Interval (Different bank)
CLK
Command
BS
Dout
READ A
READ
out A0
out A1
out B0
out B1
CAS Latency = 3
Burst Length = 4
bank0
Read A
bank3
Read
Note: Internal auto-precharge starts at the timing indicated by "
".
2. Same bank: The consecutive read command (the same bank) is illegal.
Write with auto precharge to Write command interval
1. Different bank: When some banks are in the active state, the second write command (another bank) is
executed. In the case of burst writes, the second write command has priority. The internal auto-precharge of
one bank starts at the next clock of the second command .
Write with Auto Precharge to Write Command Interval (Different bank)
CLK
Command
BS
Din
WRIT A
WRIT
in B1
in B2
in B3
in A0
in A1
in B0
Burst Length = 4
bank0
Write A
bank3
Write
Note: Internal auto-precharge starts at the timing indicated by "
".
2. Same bank: The consecutive write command (the same bank) is illegal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com