Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM5259165B Datasheet(PDF) 12 Page - Elpida Memory

Part # HM5259165B
Description  512M LVTTL interface SDRAM 133 MHz/100 MHz 8-Mword 횞 16-bit 횞 4-bank/16-Mword 횞 8-bit 횞 4-bank /32-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HM5259165B Datasheet(HTML) 12 Page - Elpida Memory

Back Button HM5259165B Datasheet HTML 8Page - Elpida Memory HM5259165B Datasheet HTML 9Page - Elpida Memory HM5259165B Datasheet HTML 10Page - Elpida Memory HM5259165B Datasheet HTML 11Page - Elpida Memory HM5259165B Datasheet HTML 12Page - Elpida Memory HM5259165B Datasheet HTML 13Page - Elpida Memory HM5259165B Datasheet HTML 14Page - Elpida Memory HM5259165B Datasheet HTML 15Page - Elpida Memory HM5259165B Datasheet HTML 16Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 63 page
background image
HM5259165B/HM5259805B/HM5259405B-75/A6
Data Sheet E0118H10
12
DQM Truth Table (HM5259165B)
CKE
Command
Symbol
n - 1
n
DQMU
DQML
Upper byte (DQ8 to DQ15) write enable/output enable ENBU
H
×
L
×
Lower byte (DQ0 to DQ7) write enable/output enable
ENBL
H
××
L
Upper byte (DQ8 to DQ15) write inhibit/output disable MASKU
H
×
H
×
Lower byte (DQ0 to DQ7) write inhibit/output disable
MASKL
H
××
H
Note:
H: V
IH.
L: V
IL.
×: V
IH or VIL.
Write: I
DID is needed.
Read: I
DOD is needed.
DQM Truth Table (HM5259805B/HM5259405B)
CKE
Command
Symbol
n - 1
n
DQM
Write enable/output enable
ENB
H
×
L
Write inhibit/output disable
MASK
H
×
H
Note:
H: V
IH.
L: V
IL.
×: V
IH or VIL.
Write: I
DID is needed.
Read: I
DOD is needed.
The SDRAM can mask input/output data by means of DQM, DQMU/DQML.
DQMU masks the upper byte and DQML masks the lower byte. (HM5259165B)
During reading, the output buffer is set to Low-Z by setting DQM, DQMU/DQML to Low, enabling data
output. On the other hand, when DQM, DQMU/DQML is set to High, the output buffer becomes High-Z,
disabling data output.
During writing, data is written by setting DQM, DQMU/DQML to Low. When DQM, DQMU/DQML is set
to High, the previous data is held (the new data is not written). Desired data can be masked during burst read
or burst write by setting DQMU/DQML. For details, refer to the DQM, DQMU/DQML control section of the
SDRAM operating instructions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com