Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM5259165B Datasheet(PDF) 22 Page - Elpida Memory

Part # HM5259165B
Description  512M LVTTL interface SDRAM 133 MHz/100 MHz 8-Mword 횞 16-bit 횞 4-bank/16-Mword 횞 8-bit 횞 4-bank /32-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HM5259165B Datasheet(HTML) 22 Page - Elpida Memory

Back Button HM5259165B Datasheet HTML 18Page - Elpida Memory HM5259165B Datasheet HTML 19Page - Elpida Memory HM5259165B Datasheet HTML 20Page - Elpida Memory HM5259165B Datasheet HTML 21Page - Elpida Memory HM5259165B Datasheet HTML 22Page - Elpida Memory HM5259165B Datasheet HTML 23Page - Elpida Memory HM5259165B Datasheet HTML 24Page - Elpida Memory HM5259165B Datasheet HTML 25Page - Elpida Memory HM5259165B Datasheet HTML 26Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 63 page
background image
HM5259165B/HM5259805B/HM5259405B-75/A6
Data Sheet E0118H10
22
Operation of the SDRAM
The following chapter shows operation example of the products below.
Organization
Input/output mask
CAS latency
8-Mword
× 16-bit × 4 bank
DQMU/DQML
2/3
16-Mword
× 8-bit × 4 bank
DQM
32-Mword
× 4-bit × 4 bank
DQM
Note:
The SDRAM should be used according to the product capability (See “Features”, “Pin Description”
and “AC Characteristics”).
Read/Write Operations
Bank active: Before executing a read or write operation, the corresponding bank and the row address must be
activated by the bank active (ACTV) command. An interval of t
RCD is required between the bank active
command input and the following read/write command input.
Read operation: A read operation starts when a read command is input. Output buffer becomes Low-Z in
the (
CAS Latency - 1) cycle after read command set. The SDRAM can perform a burst read operation.
The burst length can be set to 1, 2, 4, 8. The start address for a burst read is specified by the column address
and the bank select address (BA0/BA1) at the read command set cycle. In a read operation, data output starts
after the number of clocks specified by the
CAS Latency. The CAS Latency can be set to 2 or 3.
When the burst length is 1, 2, 4, 8, the Dout buffer automatically becomes High-Z at the next clock after the
successive burst-length data has been output.
The
CAS latency and burst length must be specified at the mode register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com