Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM5259165B Datasheet(PDF) 34 Page - Elpida Memory

Part # HM5259165B
Description  512M LVTTL interface SDRAM 133 MHz/100 MHz 8-Mword16-bit4-bank/16-Mword8-bit4-bank /32-Mword4-bit4-bank PC/133, PC/100 SDRAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HM5259165B Datasheet(HTML) 34 Page - Elpida Memory

Back Button HM5259165B Datasheet HTML 30Page - Elpida Memory HM5259165B Datasheet HTML 31Page - Elpida Memory HM5259165B Datasheet HTML 32Page - Elpida Memory HM5259165B Datasheet HTML 33Page - Elpida Memory HM5259165B Datasheet HTML 34Page - Elpida Memory HM5259165B Datasheet HTML 35Page - Elpida Memory HM5259165B Datasheet HTML 36Page - Elpida Memory HM5259165B Datasheet HTML 37Page - Elpida Memory HM5259165B Datasheet HTML 38Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 63 page
background image
HM5259165B/HM5259805B/HM5259405B-75/A6
Data Sheet E0118H10
34
Read command to Precharge command interval (same bank):
When the precharge command is executed for the same bank as the read command that preceded it, the
minimum interval between the two commands is one clock. However, since the output buffer then becomes
High-Z after the clocks defined by l
HZP, there is a case of interruption to burst read data output will be
interrupted, if the precharge command is input during burst read. To read all data by burst read, the clocks
defined by l
EP must be assured as an interval from the final data output to precharge command execution.
READ to PRECHARGE Command Interval (same bank): To output all data
CAS Latency = 2, Burst Length = 4
CLK
Command
Dout
READ
PRE/PALL
out A0
out A1
out A2
out A3
CL=2
l
= -1 cycle
EP
CAS Latency = 3, Burst Length = 4
CLK
Command
Dout
READ
PRE/PALL
out A0
out A1
out A2
out A3
CL=3
l
= -2 cycle
EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com