Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM5259165B Datasheet(PDF) 47 Page - Elpida Memory

Part # HM5259165B
Description  512M LVTTL interface SDRAM 133 MHz/100 MHz 8-Mword 횞 16-bit 횞 4-bank/16-Mword 횞 8-bit 횞 4-bank /32-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HM5259165B Datasheet(HTML) 47 Page - Elpida Memory

Back Button HM5259165B Datasheet HTML 43Page - Elpida Memory HM5259165B Datasheet HTML 44Page - Elpida Memory HM5259165B Datasheet HTML 45Page - Elpida Memory HM5259165B Datasheet HTML 46Page - Elpida Memory HM5259165B Datasheet HTML 47Page - Elpida Memory HM5259165B Datasheet HTML 48Page - Elpida Memory HM5259165B Datasheet HTML 49Page - Elpida Memory HM5259165B Datasheet HTML 50Page - Elpida Memory HM5259165B Datasheet HTML 51Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 63 page
background image
HM5259165B/HM5259805B/HM5259405B-75/A6
Data Sheet E0118H10
47
DC Characteristics (Ta = 0 to +70˚C, V
CC, VCCQ = 3.3 V ± 0.3 V, VSS, VSSQ = 0 V)
(HM5259805B)
HM5259805B
-75
-A6
Parameter
Symbol
Min
Max
Min
Max
Unit
Test conditions
Notes
Operating current
(
CAS latency = 2)
I
CC1
—
220
—
190
mA
Burst length = 1
t
RC = min
1, 2, 3
(
CAS latency = 3)
I
CC1
—
220
—
190
mA
Standby current in power
down
I
CC2P
—
6
—
6
mA
CKE = V
IL,
t
CK = 12 ns
6
Standby current in power
down (input signal stable)
I
CC2PS
—
4
—
4
mA
CKE = V
IL, tCK =
∞
7
Standby current in non
power down
I
CC2N
—
40
—
40
mA
CKE,
CS = V
IH,
t
CK = 12 ns
4
Standby current in non
power down (input signal
stable)
I
CC2NS
—
18
—
18
mA
CKE = V
IH, t CK =
∞ 9
Active standby current in
power down
I
CC3P
—
8
—
8
mA
CKE = V
IL,
t
CK = 12 ns
1, 2, 6
Active standby current in
power down (input signal
stable)
I
CC3PS
—
6
—
6
mA
CKE = V
IL, tCK =
∞
2, 7
Active standby current in
non power down
I
CC3N
—
60
—
60
mA
CKE,
CS = V
IH,
t
CK = 12 ns
1, 2, 4
Active standby current in
non power down (input
signal stable)
I
CC3NS
—
30
—
30
mA
CKE = V
IH, t CK =
∞ 2, 9
Burst operating current
(
CAS latency = 2)
I
CC4
—
190
—
190
mA
t
CK = min, BL = 4
1, 2, 5
(
CAS latency = 3)
I
CC4
—
260
—
190
mA
Refresh current
I
CC5
—
330
—
330
mA
t
RC = min
3
Self refresh current
I
CC6
—
6
—
6mA
V
IH
≥ V
CC – 0.2 V
V
IL
≤ 0.2 V
8
Input leakage current
I
LI
–11
–1
1
µA
0
≤ Vin ≤ V
CC
Output leakage current
I
LO
–1.5
1.5
–1.5
1.5
µA
0
≤ Vout ≤ V
CC
DQ = disable
Output high voltage
V
OH
2.4
—
2.4
—
VI
OH = –4 mA
Output low voltage
V
OL
—
0.4
—
0.4
V
I
OL = 4 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com