Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM5259165B Datasheet(PDF) 44 Page - Elpida Memory

Part # HM5259165B
Description  512M LVTTL interface SDRAM 133 MHz/100 MHz 8-Mword 횞 16-bit 횞 4-bank/16-Mword 횞 8-bit 횞 4-bank /32-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HM5259165B Datasheet(HTML) 44 Page - Elpida Memory

Back Button HM5259165B Datasheet HTML 40Page - Elpida Memory HM5259165B Datasheet HTML 41Page - Elpida Memory HM5259165B Datasheet HTML 42Page - Elpida Memory HM5259165B Datasheet HTML 43Page - Elpida Memory HM5259165B Datasheet HTML 44Page - Elpida Memory HM5259165B Datasheet HTML 45Page - Elpida Memory HM5259165B Datasheet HTML 46Page - Elpida Memory HM5259165B Datasheet HTML 47Page - Elpida Memory HM5259165B Datasheet HTML 48Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 63 page
background image
HM5259165B/HM5259805B/HM5259405B-75/A6
Data Sheet E0118H10
44
I
OL/IOH Characteristics
Output Low Current (I
OL)
I
OL
I
OL
Vout (V)
Min (mA)
Max (mA)
000
0.4
27
71
0.65
41
108
0.85
51
134
1
58
151
1.4
70
188
1.5
72
194
1.65
75
203
1.8
77
209
1.95
77
212
3
80
220
3.45
81
223
Vout (V)
250
200
150
100
50
0
00.5
11.5
22.5
33.5
min
max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com