Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM5259165B Datasheet(PDF) 10 Page - Elpida Memory

Part # HM5259165B
Description  512M LVTTL interface SDRAM 133 MHz/100 MHz 8-Mword 횞 16-bit 횞 4-bank/16-Mword 횞 8-bit 횞 4-bank /32-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HM5259165B Datasheet(HTML) 10 Page - Elpida Memory

Back Button HM5259165B Datasheet HTML 6Page - Elpida Memory HM5259165B Datasheet HTML 7Page - Elpida Memory HM5259165B Datasheet HTML 8Page - Elpida Memory HM5259165B Datasheet HTML 9Page - Elpida Memory HM5259165B Datasheet HTML 10Page - Elpida Memory HM5259165B Datasheet HTML 11Page - Elpida Memory HM5259165B Datasheet HTML 12Page - Elpida Memory HM5259165B Datasheet HTML 13Page - Elpida Memory HM5259165B Datasheet HTML 14Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 63 page
background image
HM5259165B/HM5259805B/HM5259405B-75/A6
Data Sheet E0118H10
10
V
SS and VSSQ (power supply pins): Ground is connected. (VSS is for the internal circuit and VSSQ is for the
output buffer.)
Command Operation
Command Truth Table
The SDRAM recognizes the following commands specified by the
CS, RAS, CAS, WE and address pins.
CKE
Command
Symbol
n - 1 n
CS RAS CAS WE BA0/BA1 A10
A0
to A12
Ignore command
DESL
H
×
H
××
×
×
×
×
No operation
NOP
H
×
LH
H
H
××
×
Column address and read command READ
H
×
LH
L
H
V
L
V
Read with auto-precharge
READ A
H
×
LH
L
H
V
H
V
Column address and write command WRIT
H
×
LH
L
L
V
L
V
Write with auto-precharge
WRIT A
H
×
LH
L
L
V
H
V
Row address strobe and bank active ACTV
H
×
LL
H
H
V
V
V
Precharge select bank
PRE
H
×
LL
H
L
V
L
×
Precharge all bank
PALL
H
×
LL
H
L
×
H
×
Refresh
REF/SELF H
V
L
L
L
H
××
×
Mode register set
MRS
H
×
LL
L
L
V
V
V
Note:
H: V
IH.
L: V
IL.
×: V
IH or VIL.
V: Valid address input
Ignore command [DESL]: When this command is set (
CS is High), the SDRAM ignore command input at
the clock. However, the internal status is held.
No operation [NOP]: This command is not an execution command. However, the internal operations
continue.
Column address strobe and read command [READ]: This command starts a read operation. In addition,
the start address of burst read is determined by the column address (AY0 to AY9; HM5259165B, AY0 to
AY9, AY11; HM5259805B, AY0 to AY9, AY11, AY12; HM5259405B) and the bank select address (BS).
After the read operation, the output buffer becomes High-Z.
Read with auto-precharge [READ A]: This command automatically performs a precharge operation after a
burst read with a burst length of 1, 2, 4 or 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com