Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM5259165B Datasheet(PDF) 51 Page - Elpida Memory

Part # HM5259165B
Description  512M LVTTL interface SDRAM 133 MHz/100 MHz 8-Mword 횞 16-bit 횞 4-bank/16-Mword 횞 8-bit 횞 4-bank /32-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HM5259165B Datasheet(HTML) 51 Page - Elpida Memory

Back Button HM5259165B Datasheet HTML 47Page - Elpida Memory HM5259165B Datasheet HTML 48Page - Elpida Memory HM5259165B Datasheet HTML 49Page - Elpida Memory HM5259165B Datasheet HTML 50Page - Elpida Memory HM5259165B Datasheet HTML 51Page - Elpida Memory HM5259165B Datasheet HTML 52Page - Elpida Memory HM5259165B Datasheet HTML 53Page - Elpida Memory HM5259165B Datasheet HTML 54Page - Elpida Memory HM5259165B Datasheet HTML 55Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 63 page
background image
HM5259165B/HM5259805B/HM5259405B-75/A6
Data Sheet E0118H10
51
Notes: 1. AC measurement assumes t
T = 1 ns.
Reference level for timing of input signals is 1.5 V.
2. Access time is measured at 1.5 V. Load condition is CL = 50 pF.
3. t
LZ (min) defines the time at which the outputs achieves the low impedance state.
4. t
HZ (max) defines the time at which the outputs achieves the high impedance state.
5. t
CES define CKE setup time to CLK rising edge except power down exit command.
6. t
AS/tAH:
Address, t
CS/tCH:
CS, RAS, CAS, WE, DQM, DQMU/DQML.
t
DS/tDH:
Data-in, t
CES/tCEH:
CKE.
Test Conditions
• Input and output timing reference levels: 1.5 V
• Input waveform and output load: See following figures
t
T
2.4 V
0.4 V
0.8 V
2.0 V
input
t
T
I/O
CL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com