Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM5259165B Datasheet(PDF) 45 Page - Elpida Memory

Part # HM5259165B
Description  512M LVTTL interface SDRAM 133 MHz/100 MHz 8-Mword 횞 16-bit 횞 4-bank/16-Mword 횞 8-bit 횞 4-bank /32-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HM5259165B Datasheet(HTML) 45 Page - Elpida Memory

Back Button HM5259165B Datasheet HTML 41Page - Elpida Memory HM5259165B Datasheet HTML 42Page - Elpida Memory HM5259165B Datasheet HTML 43Page - Elpida Memory HM5259165B Datasheet HTML 44Page - Elpida Memory HM5259165B Datasheet HTML 45Page - Elpida Memory HM5259165B Datasheet HTML 46Page - Elpida Memory HM5259165B Datasheet HTML 47Page - Elpida Memory HM5259165B Datasheet HTML 48Page - Elpida Memory HM5259165B Datasheet HTML 49Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 63 page
background image
HM5259165B/HM5259805B/HM5259405B-75/A6
Data Sheet E0118H10
45
Output High Current (I
OH) (Ta = 0 to +70˚C, VCC, VCCQ = 3.0 V to 3.45 V, VSS, VSSQ = 0 V)
I
OH
I
OH
Vout (V)
Min (mA)
Max (mA)
3.45
—–3
3.3
—–28
30
–75
2.6
–21
–130
2.4
–34
–154
2
–59
–197
1.8
–67
–227
1.65
–73
–248
1.5
–78
–270
1.4
–81
–285
1
–89
–345
0
–93
–503
Vout (V)
0
–100
–200
–300
–500
–600
–400
0.5
1
1.5
2
2.5
3
min
max
3.5
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com