Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM5259165B Datasheet(PDF) 41 Page - Elpida Memory

Part # HM5259165B
Description  512M LVTTL interface SDRAM 133 MHz/100 MHz 8-Mword 횞 16-bit 횞 4-bank/16-Mword 횞 8-bit 횞 4-bank /32-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HM5259165B Datasheet(HTML) 41 Page - Elpida Memory

Back Button HM5259165B Datasheet HTML 37Page - Elpida Memory HM5259165B Datasheet HTML 38Page - Elpida Memory HM5259165B Datasheet HTML 39Page - Elpida Memory HM5259165B Datasheet HTML 40Page - Elpida Memory HM5259165B Datasheet HTML 41Page - Elpida Memory HM5259165B Datasheet HTML 42Page - Elpida Memory HM5259165B Datasheet HTML 43Page - Elpida Memory HM5259165B Datasheet HTML 44Page - Elpida Memory HM5259165B Datasheet HTML 45Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 63 page
background image
HM5259165B/HM5259805B/HM5259405B-75/A6
Data Sheet E0118H10
41
VCC, VCCQ
Power up sequence
Initialization sequence
100
µs
0 V
Low
Low
Low
CKE, DQM,
DQMU/DQML
CLK
CS, DQ
200
µs
Power stabilize
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Note
Voltage on any pin relative to V
SS
V
T
–0.5 to V
CC + 0.5
(
≤ 4.6 (max))
V1
Supply voltage relative to V
SS
V
CC
–0.5 to +4.6
V
1
Short circuit output current
Iout
50
mA
Power dissipation
P
T
1.2
W
Operating temperature
Topr
0 to +70
°C
Storage temperature
Tstg
–55 to +125
°C
Note:
1. Respect to V
SS.
DC Operating Conditions (Ta = 0 to +70˚C)
Parameter
Symbol
Min
Max
Unit
Notes
Supply voltage
V
CC, VCCQ
3.0
3.6
V
1, 2
V
SS, VSSQ0
0
V
3
Input high voltage
V
IH
2.0
V
CC + 0.3
V
1, 4
Input low voltage
V
IL
–0.3
0.8
V
1, 5
Notes: 1. All voltage referred to V
SS.
2. The supply voltage with all VCC and V
CCQ pins must be on the same level.
3. The supply voltage with all VSS and V
SSQ pins must be on the same level.
4. V
IH (max) = VCC + 2.0 V for pulse width
≤ 3 ns at V
CC.
5. V
IL (min) = VSS – 2.0 V for pulse width
≤ 3 ns at V
SS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com