Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM5259165B Datasheet(PDF) 30 Page - Elpida Memory

Part # HM5259165B
Description  512M LVTTL interface SDRAM 133 MHz/100 MHz 8-Mword 횞 16-bit 횞 4-bank/16-Mword 횞 8-bit 횞 4-bank /32-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HM5259165B Datasheet(HTML) 30 Page - Elpida Memory

Back Button HM5259165B Datasheet HTML 26Page - Elpida Memory HM5259165B Datasheet HTML 27Page - Elpida Memory HM5259165B Datasheet HTML 28Page - Elpida Memory HM5259165B Datasheet HTML 29Page - Elpida Memory HM5259165B Datasheet HTML 30Page - Elpida Memory HM5259165B Datasheet HTML 31Page - Elpida Memory HM5259165B Datasheet HTML 32Page - Elpida Memory HM5259165B Datasheet HTML 33Page - Elpida Memory HM5259165B Datasheet HTML 34Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 63 page
background image
HM5259165B/HM5259805B/HM5259405B-75/A6
Data Sheet E0118H10
30
Write command to Read command interval:
1. Same bank, same ROW address: When the read command is executed at the same ROW address of the
same bank as the preceding write command, the read command can be performed after an interval of no less
than 1 clock. However, in the case of a burst write, data will continue to be written until one clock before the
read command is executed.
WRITE to READ Command Interval (1)
CLK
Command
Din
WRIT
READ
in A0
out B1
out B2
out B3
out B0
Dout
Column = A
Write
Column = B
Read
Column = B
Dout
CAS Latency
DQM,
DQMU/DQML
Burst Write Mode
CAS Latency = 2
Burst Length = 4
Bank 0
WRITE to READ Command Interval (2)
CLK
Command
Din
WRIT
READ
in A0
out B1
out B2
out B3
out B0
Dout
Column = A
Write
Column = B
Read
Column = B
Dout
CAS Latency
in A1
DQM,
DQMU/DQML
Burst Write Mode
CAS Latency = 2
Burst Length = 4
Bank 0
2. Same bank, different ROW address: When the ROW address changes, consecutive read commands
cannot be executed; it is necessary to separate the two commands with a precharge command and a bank-
active command.
3. Different bank: When the bank changes, the read command can be performed after an interval of no less
than 1 clock, provided that the other bank is in the bank-active state. However, in the case of a burst write,
data will continue to be written until one clock before the read command is executed (as in the case of the
same bank and the same address).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com