Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM5259165B Datasheet(PDF) 24 Page - Elpida Memory

Part # HM5259165B
Description  512M LVTTL interface SDRAM 133 MHz/100 MHz 8-Mword 횞 16-bit 횞 4-bank/16-Mword 횞 8-bit 횞 4-bank /32-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HM5259165B Datasheet(HTML) 24 Page - Elpida Memory

Back Button HM5259165B Datasheet HTML 20Page - Elpida Memory HM5259165B Datasheet HTML 21Page - Elpida Memory HM5259165B Datasheet HTML 22Page - Elpida Memory HM5259165B Datasheet HTML 23Page - Elpida Memory HM5259165B Datasheet HTML 24Page - Elpida Memory HM5259165B Datasheet HTML 25Page - Elpida Memory HM5259165B Datasheet HTML 26Page - Elpida Memory HM5259165B Datasheet HTML 27Page - Elpida Memory HM5259165B Datasheet HTML 28Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 63 page
background image
HM5259165B/HM5259805B/HM5259405B-75/A6
Data Sheet E0118H10
24
Write operation: Burst write or single write mode is selected by the OPCODE (BA1, BA0, A12, A11, A10,
A9, A8) of the mode register.
1. Burst write: A burst write operation is enabled by setting OPCODE (A9, A8) to (0, 0). A burst write
starts in the same clock as a write command set. (The latency of data input is 0 clock.) The burst length can
be set to 1, 2, 4 and 8, like burst read operations. The write start address is specified by the column address
and the bank select address (BA0/BA1) at the write command set cycle.
WRIT
CLK
Command
Din
ACTV
Row
Column
in 0
in 6
in 7
Address
in 1
in 4
in 5
in 3
BL = 1
BL = 2
BL = 4
BL = 8
t RCD
in 0
in 0
in 0
in 1
in 1
in 2
in 2
in 3
CAS Latency = 2, 3
2. Single write: A single write operation is enabled by setting OPCODE (A9, A8) to (1, 0). In a single write
operation, data is only written to the column address and the bank select address (BA0/BA1) specified by the
write command set cycle without regard to the burst length setting. (The latency of data input is 0 clock).
WRIT
CLK
Command
Din
ACTV
Row
Column
in 0
Address
t RCD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com