Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM5259165B Datasheet(PDF) 14 Page - Elpida Memory

Part # HM5259165B
Description  512M LVTTL interface SDRAM 133 MHz/100 MHz 8-Mword 횞 16-bit 횞 4-bank/16-Mword 횞 8-bit 횞 4-bank /32-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HM5259165B Datasheet(HTML) 14 Page - Elpida Memory

Back Button HM5259165B Datasheet HTML 10Page - Elpida Memory HM5259165B Datasheet HTML 11Page - Elpida Memory HM5259165B Datasheet HTML 12Page - Elpida Memory HM5259165B Datasheet HTML 13Page - Elpida Memory HM5259165B Datasheet HTML 14Page - Elpida Memory HM5259165B Datasheet HTML 15Page - Elpida Memory HM5259165B Datasheet HTML 16Page - Elpida Memory HM5259165B Datasheet HTML 17Page - Elpida Memory HM5259165B Datasheet HTML 18Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 63 page
background image
HM5259165B/HM5259805B/HM5259405B-75/A6
Data Sheet E0118H10
14
Self-refresh entry [SELF]: When this command is input during the IDLE state, the SDRAM starts self-
refresh operation. After the execution of this command, self-refresh continues while CKE is Low. Since self-
refresh is performed internally and automatically, external refresh operations are unnecessary.
Power down mode entry: When this command is executed during the IDLE state, the SDRAM enters power
down mode. In power down mode, power consumption is suppressed by cutting off the initial input circuit.
Self-refresh exit: When this command is executed during self-refresh mode, the SDRAM can exit from self-
refresh mode. After exiting from self-refresh mode, the SDRAM enters the IDLE state.
Power down exit: When this command is executed at the power down mode, the SDRAM can exit from
power down mode. After exiting from power down mode, the SDRAM enters the IDLE state.
Function Truth Table
The following table shows the operations that are performed when each command is issued in each mode of
the SDRAM.
The following table assumes that CKE is high.
Current state
CS
RAS CAS WE
Address
Command
Operation
Precharge
H
×
×××
DESL
Enter IDLE after t
RP
LH
H
H
×
NOP
Enter IDLE after t
RP
L
H
L
H
BA, CA, A10 READ/READ A
ILLEGAL*
4
L
H
L
L
BA, CA, A10 WRIT/WRIT A
ILLEGAL*
4
L
L
H
H
BA, RA
ACTV
ILLEGAL*
4
L
L
H
L
BA, A10
PRE, PALL
NOP*
6
LL
LH
×
REF, SELF
ILLEGAL
L
L
L
L
MODE
MRS
ILLEGAL
Idle
H
×
×××
DESL
NOP
LH
H
H
×
NOP
NOP
L
H
L
H
BA, CA, A10 READ/READ A
ILLEGAL*
5
L
H
L
L
BA, CA, A10 WRIT/WRIT A
ILLEGAL*
5
L
L
H
H
BA, RA
ACTV
Bank and row active
L
L
H
L
BA, A10
PRE, PALL
NOP
LL
LH
×
REF, SELF
Refresh
L
L
L
L
MODE
MRS
Mode register set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com