Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM5259165B Datasheet(PDF) 18 Page - Elpida Memory

Part # HM5259165B
Description  512M LVTTL interface SDRAM 133 MHz/100 MHz 8-Mword 횞 16-bit 횞 4-bank/16-Mword 횞 8-bit 횞 4-bank /32-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HM5259165B Datasheet(HTML) 18 Page - Elpida Memory

Back Button HM5259165B Datasheet HTML 14Page - Elpida Memory HM5259165B Datasheet HTML 15Page - Elpida Memory HM5259165B Datasheet HTML 16Page - Elpida Memory HM5259165B Datasheet HTML 17Page - Elpida Memory HM5259165B Datasheet HTML 18Page - Elpida Memory HM5259165B Datasheet HTML 19Page - Elpida Memory HM5259165B Datasheet HTML 20Page - Elpida Memory HM5259165B Datasheet HTML 21Page - Elpida Memory HM5259165B Datasheet HTML 22Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 63 page
background image
HM5259165B/HM5259805B/HM5259405B-75/A6
Data Sheet E0118H10
18
From READ with AUTO-PRECHARGE state, command operation
To [DESL], [NOP]: These commands continue read operations until the burst operation is completed, and
the SDRAM then enters precharge mode.
To [ACTV]: This command makes other banks bank active. (However, an interval of t
RRD is required.)
Attempting to make the currently active bank active results in an illegal command.
From WRITE state, command operation
To [DESL], [NOP]: These commands continue write operations until the burst operation is completed.
To [READ], [READ A]: These commands stop a burst and start a read cycle.
To [WRIT], [WRIT A]: These commands stop a burst and start the next write cycle.
To [ACTV]: This command makes the other bank active. (However, an interval of t
RRD is required.)
Attempting to make the currently active bank active results in an illegal command.
To [PRE], [PALL]: These commands stop burst write and the SDRAM then enters precharge mode.
From WRITE with AUTO-PRECHARGE state, command operation
To [DESL], [NOP]: These commands continue write operations until the burst is completed, and the
synchronous DRAM enters precharge mode.
To [ACTV]: This command makes the other bank active. (However, an interval of t
RRD is required.)
Attempting to make the currently active bank active results in an illegal command.
From REFRESH state, command operation
To [DESL], [NOP]: After an auto-refresh cycle (after t
RC), the SDRAM automatically enters the IDLE state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com