Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM5259165B Datasheet(PDF) 17 Page - Elpida Memory

Part # HM5259165B
Description  512M LVTTL interface SDRAM 133 MHz/100 MHz 8-Mword 횞 16-bit 횞 4-bank/16-Mword 횞 8-bit 횞 4-bank /32-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HM5259165B Datasheet(HTML) 17 Page - Elpida Memory

Back Button HM5259165B Datasheet HTML 13Page - Elpida Memory HM5259165B Datasheet HTML 14Page - Elpida Memory HM5259165B Datasheet HTML 15Page - Elpida Memory HM5259165B Datasheet HTML 16Page - Elpida Memory HM5259165B Datasheet HTML 17Page - Elpida Memory HM5259165B Datasheet HTML 18Page - Elpida Memory HM5259165B Datasheet HTML 19Page - Elpida Memory HM5259165B Datasheet HTML 20Page - Elpida Memory HM5259165B Datasheet HTML 21Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 63 page
background image
HM5259165B/HM5259805B/HM5259405B-75/A6
Data Sheet E0118H10
17
From PRECHARGE state, command operation
To [DESL], [NOP]: When these commands are executed, the SDRAM enters the IDLE state after t
RP has
elapsed from the completion of precharge.
From IDLE state, command operation
To [DESL], [NOP], [PRE] or [PALL]: These commands result in no operation.
To [ACTV]: The bank specified by the address pins and the ROW address is activated.
To [REF], [SELF]: The SDRAM enters refresh mode (auto-refresh or self-refresh).
To [MRS]: The synchronous DRAM enters the mode register set cycle.
From ROW ACTIVE state, command operation
To [DESL], [NOP]: These commands result in no operation.
To [READ], [READ A]: A read operation starts. (However, an interval of t
RCD is required.)
To [WRIT], [WRIT A]: A write operation starts. (However, an interval of t
RCD is required.)
To [ACTV]: This command makes the other bank active. (However, an interval of t
RRD is required.)
Attempting to make the currently active bank active results in an illegal command.
To [PRE], [PALL]: These commands set the SDRAM to precharge mode. (However, an interval of t
RAS is
required.)
From READ state, command operation
To [DESL], [NOP]: These commands continue read operations until the burst operation is completed.
To [READ], [READ A]: Data output by the previous read command continues to be output. After
CAS
latency, the data output resulting from the next command will start.
To [WRIT], [WRIT A]: These commands stop a burst read, and start a write cycle.
To [ACTV]: This command makes other banks bank active. (However, an interval of t
RRD is required.)
Attempting to make the currently active bank active results in an illegal command.
To [PRE], [PALL]: These commands stop a burst read, and the SDRAM enters precharge mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com