Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM5259165B Datasheet(PDF) 40 Page - Elpida Memory

Part # HM5259165B
Description  512M LVTTL interface SDRAM 133 MHz/100 MHz 8-Mword 횞 16-bit 횞 4-bank/16-Mword 횞 8-bit 횞 4-bank /32-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HM5259165B Datasheet(HTML) 40 Page - Elpida Memory

Back Button HM5259165B Datasheet HTML 36Page - Elpida Memory HM5259165B Datasheet HTML 37Page - Elpida Memory HM5259165B Datasheet HTML 38Page - Elpida Memory HM5259165B Datasheet HTML 39Page - Elpida Memory HM5259165B Datasheet HTML 40Page - Elpida Memory HM5259165B Datasheet HTML 41Page - Elpida Memory HM5259165B Datasheet HTML 42Page - Elpida Memory HM5259165B Datasheet HTML 43Page - Elpida Memory HM5259165B Datasheet HTML 44Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 63 page
background image
HM5259165B/HM5259805B/HM5259405B-75/A6
Data Sheet E0118H10
40
Refresh
Auto-refresh: All the banks must be precharged before executing an auto-refresh command. Since the auto-
refresh command updates the internal counter every time it is executed and determines the banks and the
ROW addresses to be refreshed, external address specification is not required. The refresh cycle is 8192
cycles/32 ms. (8192 cycles are required to refresh all the ROW addresses.) The output buffer becomes High-
Z after auto-refresh start. In addition, since a precharge has been completed by an internal operation after the
auto-refresh, an additional precharge operation by the precharge command is not required.
Self-refresh: After executing a self-refresh command, the self-refresh operation continues while CKE is held
Low. During self-refresh operation, all ROW addresses are refreshed by the internal refresh timer. A self-
refresh is terminated by a self-refresh exit command. Before and after self-refresh mode, execute auto-refresh
to all refresh addresses in or within 32 ms period on the condition (1) and (2) below.
(1) Enter self-refresh mode within 3.9 µs after either burst refresh or distributed refresh at equal interval to all
refresh addresses are completed.
(2) Start burst refresh or distributed refresh at equal interval to all refresh addresses within 3.9 µs after exiting
from self-refresh mode.
Others
Power-down mode: The SDRAM enters power-down mode when CKE goes Low in the IDLE state. In
power down mode, power consumption is suppressed by deactivating the input initial circuit. Power down
mode continues while CKE is held Low. In addition, by setting CKE to High, the SDRAM exits from the
power down mode, and command input is enabled from the next clock. In this mode, internal refresh is not
performed.
Clock suspend mode: By driving CKE to Low during a bank-active or read/write operation, the SDRAM
enters clock suspend mode. During clock suspend mode, external input signals are ignored and the internal
state is maintained. When CKE is driven High, the SDRAM terminates clock suspend mode, and command
input is enabled from the next clock. For details, refer to the "CKE Truth Table".
Power-up sequence: The SDRAM should be goes on the following sequence with power up.
The CLK, CKE,
CS, DQM, DQMU/DQML and DQ pins keep low till power stabilizes.
The CLK pin is stabilized within 100 µs after power stabilizes before the following initialization sequence.
The CKE and DQM, DQMU/DQML is driven to high between power stabilizes and the initialization
sequence.
This SDRAM has V
CC clamp diodes for CLK, CKE, CS DQM, DQMU/DQML and DQ pins. If these pins go
high before power up, the large current flows from these pins to V
CC through the diodes.
Initialization sequence: When 200 µs or more has past after the above power-up sequence, all banks must be
precharged using the precharge command (PALL). After t
RP delay, set 8 or more auto refresh commands
(REF). Set the mode register set command (MRS) to initialize the mode register. We recommend that by
keeping DQM, DQMU/DQML and CKE to High, the output buffer becomes High-Z during Initialization
sequence, to avoid DQ bus contention on memory system formed with a number of device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com