Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM5259165B Datasheet(PDF) 25 Page - Elpida Memory

Part # HM5259165B
Description  512M LVTTL interface SDRAM 133 MHz/100 MHz 8-Mword 횞 16-bit 횞 4-bank/16-Mword 횞 8-bit 횞 4-bank /32-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HM5259165B Datasheet(HTML) 25 Page - Elpida Memory

Back Button HM5259165B Datasheet HTML 21Page - Elpida Memory HM5259165B Datasheet HTML 22Page - Elpida Memory HM5259165B Datasheet HTML 23Page - Elpida Memory HM5259165B Datasheet HTML 24Page - Elpida Memory HM5259165B Datasheet HTML 25Page - Elpida Memory HM5259165B Datasheet HTML 26Page - Elpida Memory HM5259165B Datasheet HTML 27Page - Elpida Memory HM5259165B Datasheet HTML 28Page - Elpida Memory HM5259165B Datasheet HTML 29Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 63 page
background image
HM5259165B/HM5259805B/HM5259405B-75/A6
Data Sheet E0118H10
25
Auto Precharge
Read with auto-precharge: In this operation, since precharge is automatically performed after completing a
read operation, a precharge command need not be executed after each read operation. The command executed
for the same bank after the execution of this command must be the bank active (ACTV) command. In
addition, an interval defined by l
APR is required before execution of the next command.
CAS latency
Precharge start cycle
3
2 cycle before the final data is output
2
1 cycle before the final data is output
Burst Read (Burst Length = 4)
CLK
lAPR
lRAS
lAPR
CL=2 Command
CL=3 Command
DQ (input)
DQ (input)
Note: Internal auto-precharge starts at the timing indicated by "
".
And an interval of tRAS (lRAS) is required between previous active (ACTV) command and internal precharge "
".
ACTV
READ A
ACTV
out3
out2
out1
out0
lRAS
ACTV
READ A
ACTV
out3
out2
out1
out0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com