Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCDM9SSB Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # DCDM9SSB
Description  Dura-Con High Reliability All-Plastic
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DCDM9SSB Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button DCDM9SSB Datasheet HTML 6Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 7Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 8Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 9Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 10Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 11Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 12Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 13Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
5-10
5
Call Toll Free: 1 (800) 323-9612
Dura-Con
High Reliability
Metal Shell
.050" (1.27mm) Density
Solder Cup/Wire
D-Microminiature
Connector Dimensions - Metal Shell
A
B Max.
C
D
E
F Max.
+.010 (.254)
No. of
+ .010 (.254)
-.018 (.457)
+ .005 (.127)
+ .010 (.254)
Contacts
in
mm
in
mm
in
mm
in
mm
in
mm
in
mm
9 Plug
.775
19.68
.333
8.46
.390
9.91
.565
14.35
.298
7.57
.270
6.86
9 Socket
.775
19.68
.396
10.06
.390
9.91
.565
14.35
.298
7.57
.270
6.86
15 Plug
.925
23.50
.483
12.27
.540
13.72
.715
18.16
.298
7.57
.270
6.86
15 Socket
.925
23.50
.546
13.87
.540
13.72
.715
18.16
.298
7.57
.270
6.86
21 Plug
1.075
27.30
.633
16.08
.690
17.53
.865
21.97
.298
7.57
.270
6.86
21 Socket
1.075
27.30
.696
17.68
.690
17.53
.865
21.97
.298
7.57
.270
6.86
25 Plug
1.175
29.84
.733
18.62
.790
20.07
.965
24.51
.298
7.57
.270
6.86
25 Socket
1.175
29.84
.796
20.22
.790
20.07
.965
24.51
.298
7.57
.270
6.86
31 Plug
1.325
33.66
.883
21.16
.940
23.88
1.115
28.32
.298
7.57
.270
6.86
31 Socket
1.325
33.66
.946
24.03
.940
23.88
1.115
28.32
.298
7.57
.270
6.86
37 Plug
1.475
37.46
1.033
26.24
1.090
27.69
1.265
32.13
.298
7.57
.270
6.86
37 Socket
1.475
37.46
1.096
27.84
1.090
27.69
1.265
32.13
.298
7.57
.270
6.86
51 Plug
1.425
36.20
.983
24.97
1.040
26.42
1.215
30.86
.341
8.66
.310
7.87
51 Socket
1.425
36.20
1.046
26.57
1.040
26.42
1.215
30.86
.341
8.66
.310
7.87
100 Plug
2.160
54.86
1.383
35.13
1.432
36.38
1.800
45.71
.384
9.75
.360
9.15
100 Socket
2.160
54.86
1.446
36.73
1.432
36.38
1.800
45.71
.384
9.75
.360
9.15
Plug
Socket



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com