Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCDM9SSB Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # DCDM9SSB
Description  Dura-Con High Reliability All-Plastic
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DCDM9SSB Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button DCDM9SSB Datasheet HTML 24Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 25Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 26Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 27Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 28Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 29Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 30Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 31Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
5-29
5
Call Toll Free: 1 (800) 323-9612
Dura-Con
High Reliability
MIL-C-83513
.050" (1.27mm) Density
Solder Cup/Wire/PCB
D-Microminiature
AB
C
D
G
No. of
Max.
± .007 (0.18)
± .005 (0.13)
Max.
Max.
Contacts
in
mm
in
mm
in
mm
in
mm
in
mm
9 Plug
1.390
35.31
1.150
29.21
.565
14.35
.885
22.48
.308
7.75
9 Socket
1.390
35.31
1.150
29.21
.565
14.35
.885
22.48
.308
7.75
15 Plug
1.390
35.31
1.150
29.21
.715
18.16
.945
24.0
.308
7.75
15 Socket
1.390
35.31
1.150
29.21
.715
18.16
.945
24.0
.308
7.75
21 Plug
1.690
42.93
1.450
36.83
.865
21.97
1.185
30.09
.308
7.75
21 Socket
1.690
42.93
1.450
36.83
.865
21.97
1.185
30.09
.308
7.75
25 Plug
1.740
44.20
1.500
38.10
.965
24.51
1.275
32.38
.308
7.75
25 Socket
1.740
44.20
1.500
38.10
.965
24.51
1.275
32.38
.308
7.75
31 Plug
2.040
51.82
1.800
45.72
1.115
28.32
1.575
40.00
.308
7.75
31 Socket
2.040
51.82
1.800
45.72
1.115
28.32
1.576
40.00
.308
7.75
37 Plug
2.340
59.44
2.100
53.34
1.265
32.13
1.875
47.62
.308
7.75
37 Socket
2.340
59.44
2.100
53.34
1.265
32.13
1.875
47.62
.308
7.75
51 Plug
2.270
57.66
2.000
50.80
1.215
30.86
1.775
45.08
.351
8.92
51 Socket
2.270
57.66
2.000
50.80
1.215
30.86
1.775
45.08
.351
8.92
100 Plug
3.070
77.98
2.800
71.12
1.800
45.72
2.585
65.55
.455
11.56
100 Socket
3.070
77.98
2.800
71.12
1.800
45.72
2.585
65.65
.455
11.56
HJ
K
L
No. of
Max.
± .005 (0.13)
Max.
Max.
Contacts
in
mm
in
mm
in
mm
in
mm
9 Plug
.190
4.83
.096
2.44
.165
4.19
.355
9.02
9 Socket
.200
5.08
.096
2.44
.165
4.19
.355
9.02
15 Plug
.190
4.83
.096
2.44
.165
4.19
.355
9.02
15 Socket
.200
5.08
.096
2.44
.165
4.19
.355
9.02
21 Plug
.190
4.83
.096
2.44
.165
4.19
.355
9.02
21 Socket
.200
5.08
.096
2.44
.165
4.19
.355
9.02
25 Plug
.190
4.83
.096
2.44
.165
4.19
.355
9.02
25 Socket
.200
5.08
.096
2.44
.165
4.19
.355
9.02
31 Plug
.190
4.83
.096
2.44
.165
4.19
.355
9.02
31 Socket
.200
5.08
.096
2.44
.165
4.19
.355
9.02
37 Plug
.190
4.83
.096
2.44
.165
4.19
.355
9.02
37 Socket
.200
5.08
.096
2.44
.165
4.19
.355
9.02
51 Plug
.190
4.83
.096
2.44
.165
4.19
.355
9.02
51 Socket
.200
5.08
.096
2.44
.165
4.19
.355
9.02
100 Plug
.190
4.83
.125
3.18
.300
7.62
.550
13.97
100 Socket
.200
5.08
.125
3.18
.300
7.62
.550
13.97
NOTE: For additional connector dimensions, see page 5-22.
Recommended Board Layout
Straight (180°) Termination
(/22-/27)
Typ. Hole Dia. = .040" (1.02 mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com